Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6925D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6925D
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6925D Datasheet(HTML) 4 Page - STMicroelectronics

  L6925D Datasheet HTML 1Page - STMicroelectronics L6925D Datasheet HTML 2Page - STMicroelectronics L6925D Datasheet HTML 3Page - STMicroelectronics L6925D Datasheet HTML 4Page - STMicroelectronics L6925D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L6925D
4/5
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.10
0.043
A1
0.050
0.150
0.002
0.006
A2
0.750
0.850
0.950
0.03
0.033
0.037
b
0.250
0.400
0.010
0.016
c
0.130
0.230
0.005
0.009
D (1)
2.900
3.000
3.100
0.114
0.118
0.122
E
4.650
4.900
5.150
0.183
0.193
0.20
E1 (1)
2.900
3.000
3.100
0.114
0.118
0.122
e
0.650
0.026
L
0.400
0.550
0.700
0.016
0.022
0.028
L1
0.950
0.037
k
0˚ (min.) 6˚ (max.)
aaa
0.100
0.004
Note:
1. D and F does not include mold flash or protrusions.
Mold flash or potrusions shall not exceed 0.15mm
(.006inch) per side.
MSOP8
(Body 3mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com