Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP233ACP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP233ACP
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP233ACP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP233ACP Datasheet HTML 4Page - Sipex Corporation SP233ACP Datasheet HTML 5Page - Sipex Corporation SP233ACP Datasheet HTML 6Page - Sipex Corporation SP233ACP Datasheet HTML 7Page - Sipex Corporation SP233ACP Datasheet HTML 8Page - Sipex Corporation SP233ACP Datasheet HTML 9Page - Sipex Corporation SP233ACP Datasheet HTML 10Page - Sipex Corporation SP233ACP Datasheet HTML 11Page - Sipex Corporation SP233ACP Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
11
PACKAGE: 16/18/20 PIN PDIP
D1
D
L
A1
b
b2
e
b3
C
b
eA
eB
E
c
N
1 23
INDEX
AREA
N/2
E
E1
SYMBOL
MIN
NOM
MAX
A-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c0.008
0.01
0.014
D1
0.005
-
-
E0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L0.115
0.13
0.15
D0.78
0.79
0.8
D0.88
0.9
0.92
D0.98
1.03
1.06
PDIP JEDEC MS-001
Common Dimensions
.100 BSC
.300 BSC
Dimensions in Inches.
Controlling Dimension.
PDIP JEDEC MS-001
VARIATION AB
N = 16 Pins
PDIP JEDEC MS-001
VARIATION AC
N = 18 Pins
PDIP JEDEC MS-001
VARIATION AD
N = 20 Pins
SYMBOL
MIN
NOM
MAX
A-
-
5.33
A1
3.81
-
-
A2
2.79
3.30
4.83
b0.25
0.25
0.51
b2
1.02
1.52
1.78
b3
7.62
0.76
1.02
c0.00
0.25
0.25
D1
0.00
-
-
E7.62
7.87
8.13
E1
6.10
6.35
7.11
e
eA
eB
-
-
10.92
L2.79
3.30
3.81
D
19.81
20.07
20.32
D
22.35
22.86
23.37
D
24.89
26.16
26.92
PDIP JEDEC MS-001
VARIATION AB
N = 16 Pins
PDIP JEDEC MS-001
VARIATION AC
N = 18 Pins
PDIP JEDEC MS-001
VARIATION AD
N = 20 Pins
7.62 BSC
Dimensions in Millimeters.
Conversion factor: 1 inch = 25.40 mm.
PDIP JEDEC MS-001
Common Dimensions
2.54 BSC
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com