Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 3 Page - STMicroelectronics

  TS881_V01 Datasheet HTML 1Page - STMicroelectronics TS881_V01 Datasheet HTML 2Page - STMicroelectronics TS881_V01 Datasheet HTML 3Page - STMicroelectronics TS881_V01 Datasheet HTML 4Page - STMicroelectronics TS881_V01 Datasheet HTML 5Page - STMicroelectronics TS881_V01 Datasheet HTML 6Page - STMicroelectronics TS881_V01 Datasheet HTML 7Page - STMicroelectronics TS881_V01 Datasheet HTML 8Page - STMicroelectronics TS881_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID023340 Rev 2
3/21
TS881
List of figures
21
List of figures
Figure 1.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Current consumption vs. supply voltage - output low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Current consumption vs. supply voltage - output high . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Current consumption vs. input common mode voltage at VCC = 1.2 V. . . . . . . . . . . . . . . . 10
Figure 5.
Current consumption vs. input common mode voltage at VCC = 5 V . . . . . . . . . . . . . . . . . 10
Figure 6.
Current consumption vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Current consumption vs. toggle frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Input offset voltage vs. input common mode voltage at VCC = 1.2 V . . . . . . . . . . . . . . . . . 11
Figure 9.
Input hysteresis voltage vs. input common mode voltage at VCC = 1.2 V . . . . . . . . . . . . . 11
Figure 10.
Input offset voltage vs. input common mode voltage at VCC = 5 V. . . . . . . . . . . . . . . . . . . 11
Figure 11.
Input hysteresis voltage vs. input common mode voltage at VCC = 5 V . . . . . . . . . . . . . . . 11
Figure 12.
Input offset voltage vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 13.
Input hysteresis voltage vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
Output voltage drop vs. sink current at VCC = 1.2 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
Output voltage drop vs. source current at VCC = 1.2 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Output voltage drop vs. sink current at VCC = 2.7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 17.
Output voltage drop vs. source current at VCC = 2.7 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 18.
Output voltage drop vs. sink current at VCC = 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 19.
Output voltage drop vs. source current at VCC = 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 20.
Propagation delay TPLH vs. input common mode voltage at VCC = 1.2 V . . . . . . . . . . . . . 13
Figure 21.
Propagation delay TPHL vs. input common mode voltage at VCC = 1.2 V . . . . . . . . . . . . . 13
Figure 22.
Propagation delay TPLH vs. input common mode voltage at VCC = 5 V . . . . . . . . . . . . . . . 13
Figure 23.
Propagation delay TPHL vs. input common mode voltage at VCC = 5 V . . . . . . . . . . . . . . . 13
Figure 24.
Propagation delay TPLH vs. input signal overdrive at VCC = 1.2 V . . . . . . . . . . . . . . . . . . . 13
Figure 25.
Propagation delay TPHL vs. input signal overdrive at VCC = 1.2 V . . . . . . . . . . . . . . . . . . . 13
Figure 26.
Propagation delay TPLH vs. input signal overdrive at VCC = 5 V . . . . . . . . . . . . . . . . . . . . 14
Figure 27.
Propagation delay TPHL vs. input signal overdrive at VCC = 5 V . . . . . . . . . . . . . . . . . . . . 14
Figure 28.
Propagation delay TPLH vs. supply voltage for signal overdrive 10 mV . . . . . . . . . . . . . . . 14
Figure 29.
Propagation delay TPHL vs. supply voltage for signal overdrive 10 mV . . . . . . . . . . . . . . . 14
Figure 30.
Propagation delay TPLH vs. supply voltage for signal overdrive 100 mV . . . . . . . . . . . . . . 14
Figure 31.
Propagation delay TPHL vs. supply voltage for signal overdrive 100 mV . . . . . . . . . . . . . . 14
Figure 32.
Propagation delay vs. temperature for signal overdrive 10 mV . . . . . . . . . . . . . . . . . . . . . 15
Figure 33.
Propagation delay vs. temperature for signal overdrive 100 mV . . . . . . . . . . . . . . . . . . . . 15
Figure 34.
Input offset voltage vs. input common mode voltage at VCC = 0.9 V . . . . . . . . . . . . . . . . . 15
Figure 35.
Input voltage hysteresis vs. input common mode voltage at VCC = 0.9 V . . . . . . . . . . . . . 15
Figure 36.
Output voltage drop vs. sink current at VCC = 0.9 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 37.
Output voltage drop vs. source current at VCC = 0.9 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 38.
Propagation delay TPLH vs. input common mode voltage at VCC = 0.9 V
and 10 mV signal overdrive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 39.
Propagation delay TPHL vs. input common mode voltage at VCC = 0.9 V
and 10 mV signal overdrive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 40.
Propagation delay TPLH vs. input common mode voltage at VCC = 0.9 V
and 100 mV signal overdrive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 41.
Propagation delay TPHL vs. input common mode voltage at VCC = 0.9 V
and 100 mV signal overdrive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 42.
Propagation delay TPLH vs. input signal overdrive at VCC = 0.9 V . . . . . . . . . . . . . . . . . . . 16
Figure 43.
Propagation delay TPHL vs. input signal overdrive at VCC = 0.9 V . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com