Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

290F Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # 290F
Description  Redesigned 280F Series 1/4” Plugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

290F Datasheet(HTML) 2 Page - Switchcraft, Inc.

  290F Datasheet HTML 1Page - Switchcraft, Inc. 290F Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPB 644
Redesigned 280F Series 1/4” Plugs
VISIT WW W .SWITCHCRAFT.COM FOR DRAWINGS AND DETA ILED SP ECIFIC A TIONS
NEW
280F series
OFTEN IMITATED, NEVER DUPLICATED Since 1964, the Switchcraft 280
plug has been an industry stalwart. The 280F series takes the same great
plug finger design and matches it with a sleek, redesigned handle and a true
flex relief. The 280F series offers modern looks, improved performance, and
incredible value for critical applications from audio to electronics.
True Flex relief
ONE PIECE TIP
ROD
The end of a cable is frequently bent during
normal use and is one of the most frequent
sources of intermittence and failure. The
unique rubber flex relief in the 280F series
eliminates harsh bends and protects your
cable where it needs it most.
Switchcraft plugs feature a one piece tip
rod which is precision machined in the
USA from solid brass. Many imitators use
a 2-piece design with a vulnerable joint
which is prone to breaking, leaving behind
a tip which can ruin sensitive electronics.
For over 70 years, Switchcraft, Inc. has
been supplying the pro audio, broadcast,
and OEM electronics marketplace with the
highest quality interconnect solutions. The
280F series continues this tradition and is
built for decades of worry-free use.
switchcraft
quality
Part Number
Termination Style
Conductors
Accepted Cable Diameter
280F
Solder Lugs
2 (Mono)
0.220" [5.6mm] - 0.190" [4.8mm]
280FL
Solder Lugs
2 (Mono)
0.250" [6.4mm] - 0.220" [5.6mm]
297F
Solder Lugs
3 (Stereo)
0.220" [5.6mm] - 0.190" [4.8mm]
297FL
Solder Lugs
3 (Stereo)
0.250" [6.4mm] - 0.220" [5.6mm]
270F
Screw Terminals
2 (Mono)
0.220" [5.6mm] - 0.190" [4.8mm]
270FL
Screw Terminals
2 (Mono)
0.250" [6.4mm] - 0.220" [5.6mm]
290F
Screw Terminals
3 (Stereo)
0.220" [5.6mm] - 0.190" [4.8mm]
290FL
Screw Terminals
3 (Stereo)
0.250" [6.4mm] - 0.220" [5.6mm]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com