Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN3P4F Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # EN3P4F
Description  EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN3P4F Datasheet(HTML) 1 Page - Switchcraft, Inc.

  EN3P4F Datasheet HTML 1Page - Switchcraft, Inc. EN3P4F Datasheet HTML 2Page - Switchcraft, Inc. EN3P4F Datasheet HTML 3Page - Switchcraft, Inc. EN3P4F Datasheet HTML 4Page - Switchcraft, Inc. EN3P4F Datasheet HTML 5Page - Switchcraft, Inc. EN3P4F Datasheet HTML 6Page - Switchcraft, Inc. EN3P4F Datasheet HTML 7Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
* 7 and 8 pin not available in
crimp male, cord male and panel
female
21
31
4
1
5
1
2
21
31
2
32
4
2
3
51
42
3
7
1
3
6
4
5
6
8
2
7
1
3
6
4
5
2
Cord Connector Contact Arrangements
Shown from rear of connector
1.568
[39.83]
0.64
REF
PIN #1
INDICATOR
0.703 dia.
[17.86]
EN3™ CORD CONNECTOR
3
2
3
2


Similar Part No. - EN3P4F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EN3PH2F16 SWITCH-EN3PH2F16 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH2F20 SWITCH-EN3PH2F20 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH3F16 SWITCH-EN3PH3F16 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH3F20 SWITCH-EN3PH3F20 Datasheet
76Kb / 1P
PANEL SOCKET
EN3PH4F16 SWITCH-EN3PH4F16 Datasheet
76Kb / 1P
PANEL SOCKET
More results

Similar Description - EN3P4F

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
030228FR SUYIN-USA-030228FR Datasheet
124Kb / 1P
STANDARD MINI DIN CONNECTOR SERIES
logo
Switchcraft, Inc.
EN3L2MC SWITCH-EN3L2MC Datasheet
22Kb / 1P
MINI WEATHERTIGHT CONNECTOR SERIES
logo
Molex Electronics Ltd.
ATS-638881000 MOLEX-ATS-638881000 Datasheet
358Kb / 6P
Mini-Mac Applicator Trifurcon™ Crimp Terminals
11-28-12
logo
3M Electronics
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
logo
Infineon Technologies A...
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-M6A INFINEON-IM523-M6A Datasheet
1,021Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM523-X6A INFINEON-IM523-X6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com