Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6926
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 2 Page - STMicroelectronics

  L6926 Datasheet HTML 1Page - STMicroelectronics L6926 Datasheet HTML 2Page - STMicroelectronics L6926 Datasheet HTML 3Page - STMicroelectronics L6926 Datasheet HTML 4Page - STMicroelectronics L6926 Datasheet HTML 5Page - STMicroelectronics L6926 Datasheet HTML 6Page - STMicroelectronics L6926 Datasheet HTML 7Page - STMicroelectronics L6926 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L6926D
2/8
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION
THERMAL DATA
PIN FUNCTIONS
Symbol
Parameter
Value
Unit
V6
Input voltage
-0.3 to 6
V
V5
Output switching voltage
-1 to VCC
V
V1
Shutdown
-0.3 to VCC
V
V3
Feedback voltage
-0.3 to VCC
V
V2
Analog input voltage
-0.3 to VCC
V
Ptot
Power dissipation at Tamb=70
°C0.45
W
Tj
Junction operating temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to 150
°C
LX Pin
Maximum Withstanding Voltage Range Test Condition: CDF-
AEC-Q100-002- “Human Body Model” Acceptance Criteria:
“Normal Performance’
±1000
V
Other pins
±2000
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
180
°C/W
N
Name
Description
1
RUN
Shutdown input. When connected to a low level (lower than 0.4V) the device stops working.
When high (higher than 1.3V) the device is enabled.
2
COMP
Error amplifier output. A compensation network has to be connected to this pin. Usually a
220pF capacitor is enough to guarantee the loop stability.
3
VFB
Error amplifier inverting input. The output voltage can be adjusted from 0.6V up to the input
voltage by connecting this pin to an external resistor divider.
4
GND
Ground.
5
LX
Switch output node. This pin is internally connected to the drain of the internal switches.
6
VCC
Input voltage. The start up input voltage is 2.2V (typ) while the operating input voltage range is
from 2V to 5.5V. An internal UVLO circuit realizes a 100mV (typ.) hysteresis.
7
SYNC
Operating mode selector input. When high (higher than 1.3V) the Low Consumption Mode is
selected. When low (lower than 0.5V) the Low Noise Mode is selected. If connected with an
appropriate external synchronization signal (from 500KHz up to 1.4MHz) the internal
synchronization circuit is activated and the device works at the same switching frequency.
8
PGOOD
Power good comparator output. It is an open drain output. A pull-up resistor should be
connected between PGOOD and VOUT (or VCC depending on the requirements). The pin is
forced low when the output voltage is lower than 90% of the regulated output voltage and goes
high when the output voltage is greater than 90% of the regulated output voltage. If not used the
pin can be left floating.
RUN
COMP
VFB
GND
1
3
2
4LX
VCC
SYNC
PGOOD
8
7
6
5
D01IN1239AMOD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com