Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC246A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TMC246A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC246A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TMC246A Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 22Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC246A Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TMC246 DATA SHEET (V2.01 / Sep. 14th, 2005)
21
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Thermal Characteristics
Symbol
Parameter
Conditions
Typ
Unit
RTHA12
Thermal resistance bridge transistor junction to
ambient, one bridge chopping, fixed polarity
soldered to 2 layer
PCB
88
°K/W
RTHA22
Thermal resistance bridge transistor junction to
ambient, two bridges chopping, fixed polarity
soldered to 2 layer
PCB
68
°K/W
RTHA14
Thermal resistance bridge transistor junction to
ambient, one bridge chopping, fixed polarity
soldered to 4 layer
PCB (pessimistic)
84
°K/W
RTHA24
Thermal resistance bridge transistor junction to
ambient, two bridges chopping, fixed polarity
soldered to 4 layer
PCB (pessimistic)
51
°K/W
Typical Power Dissipation at high load / high temperature
Coil:
LW = 10mH, RW = 5.0Ω
Chopping with:
tDUTY = 33% ON, only slow decay
Current
both brid-
ges on
Current
one bridge
on
Ambient
temperature
TA
Motor supply
voltage
VM
Slope
tSLP
Chopper
frequency
fCHOP
Typ total power
dissipation
PD
560 mA
-
105 °C
16 V
400 ns
25 KHz
490 mW
-
800 mA
105 °C
16 V
400 ns
25 KHz
450 mW
560 mA
125 °C
14 V
60ns
20 KHz
350 mW
800 mA
125 °C
14 V
60ns
20 KHz
340 mW
1000 mA
-
70 °C
28 V
60ns
25 KHz
1000 mW
-
1500 mA
70 °C
28 V
60ns
25 KHz
1100 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com