Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC246/A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TMC246/A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC246/A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TMC246/A Datasheet HTML 14Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 15Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TMC246 DATA SHEET (V2.01 / Sep. 14th, 2005)
18
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Absolute Maximum Ratings
The maximum ratings may not be exceeded under any circumstances.
Symbol Parameter
Min
Max
Unit
VS
Supply voltage (A-type)
36
V
VS
Supply voltage (non-A-type)
30
V
VMD
Supply and bridge voltage max. 20000s
(non-A-type: device disabled)
40
V
VTR
Power transistor voltage VOA-VBRA, VOB-
VBRB, VSA-VOA, VSB-VOB (A-type)
40
V
VTR
Power transistor voltage VOA-VBRA, VOB-
VBRB, VSA-VOA, VSB-VOB (non-A-type)
30
V
VCC
Logic supply voltage
-0.5
6.0
V
IOP
Output peak current (short pulse)
+/-7
A
TA ≤ 85°C
1500
TA ≤ 105°C
1000
IOC
Output current
(continuous, one bridge)
TA ≤ 125°C
800
mA
VI
Logic input voltage
-0.3
VCC+0.3V
V
VIA
Analog input voltage
-0.3
VCC+0.3V
V
IIO
Maximum current to / from digital pins
and analog inputs
+/-10
mA
VVT
Short-to-ground detector input voltage
VS-1V
VS+0.3V
V
TJ
Junction temperature
-40
150 (1)
°C
TSTG
Storage temperature
-55
150
°C
(1) Internally limited
Electrical Characteristics
Operational Range
Symbol Parameter
Min
Max
Unit
TAI
Ambient temperature industrial (1)
-25
125
°C
TAA
Ambient temperature automotive
-40
125
°C
TJ
Junction temperature
-40
140
°C
VS
Bridge supply voltage (A-type)
7
34
V
VS
Bridge supply voltage (non-A-type)
7
28.5
V
VCC
Logic supply voltage
3.0
5.5
V
fCLK
Chopper clock frequency
50
kHz
RSLP
Slope control resistor
0
110
K
Ω
(1) The circuit can be operated up to 140°C, but output power derates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com