Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX-324. Datasheet(PDF) 2 Page - Brainboxes Limited

Part # PX-324.
Description  PCIe 1xRS422/485 1MBaud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

PX-324. Datasheet(HTML) 2 Page - Brainboxes Limited

  PX-324. Datasheet HTML 1Page - Brainboxes Limited PX-324. Datasheet HTML 2Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCIe 1xRS422/485 1MBaud
px-324/px-320: Full Specification
PX-324/PX-320
port
ports
1 x RS422/485
Pin 1
Pin 5
Pin 6
Pin 9
Pin 1 TXD-
Pin 2 TXD+
Pin 3 RTS-
Pin 4 RTS+
Pin 5 GND
Pin 6 RXD-
Pin 7 RXD+
Pin 8 CTS
Pin 9 CTS+
RS422/485 Pinout (9 Pin)
Connector
DB9 Connector - 9 pin Male
FIFo size
128 Rx FIFo + 128 tx FIFo
operating Distance
RS422/485 Standard 4000 ft : 1200 metres
Cable
no Cable; Integrated Connector
port Settings
Baud Rate
921,600
921,600
baud
Data Bits
5,6,7 or 8
parity
odd, Even, none, Mark or Space
Stop Bits
1, 1.5 or 2
Flow Control
RtS/CtS, DSR/DtR, xon/xoFF
tx/Rx Modes
Full Duplex, Half Duplex Autogating - Hardware Autogating
Interface
oS Compatibility
Microsoft Windows 8 32 bit 64 bit Editions
Microsoft Windows 7 32 bit 64 bit Editions
Windows Server 2008 32 bit 64 bit Editions
Windows Vista 32 bit 64 bit Editions
Windows Server 2003 32 bit 64 bit Editions
Pin 1
Pin 5
Pin 6
Pin 9
Pin 1 TXD-
Pin 2 TXD+
Pin 3 RTS-
Pin 4 RTS+
Pin 5 GND
Pin 6 RXD-
Pin 7 RXD+
Pin 8 CTS
Pin 9 CTS+
RS422/485 Pinout (9 Pin)
BUS
pCI Express x1, x4, x8 x16 lane slots
Approvals
other Approvals
AEo C-tpAt Microsoft Certified gold partner WEEE RoHS EMC: CE tAA
Microsoft Approvals
Windows 7 32 bit 64 bit Editions
Windows Server 2008 32 bit 64 bit editions
Windows Vista 32 bit 64 bit editions
Windows Server 2003 32 bit 64 bit editions
Windows xp 32 bit 64 bit editions
general
pCB Layers
4
power Consumption
250mA @ 3.3V
Weight
0.052 kg
Size
106l x 18w x 120h mm
Box Content
packaging
Installation CD including manual, Microsoft signed drivers & utilities
Card
pCIe 1xRS422/485 1MBaud
no Cable; Integrated Connector
product Support
Warranty
Lifetime (online registration required)
Support
Lifetime Web, Email and phone Support from fully qualified, friendly
staff who work in and alongside the product Development team
Additional
oEM option
Available for bulk buy oEM
Made in the UK
Made In
Manufactured in the UK by Brainboxes Winner 2005 European
Electronics Industry Awards “Manufacturer of the Year”
Customisable
Brainboxes operate a “perfect Fit Custom Design” policy for volume
users. More Info: sales@brainboxes.com
+44(0) 151 220 2500 | sales@brainboxes.com | www.brainboxes.com
Other PCI Express Cards: 1 Port RS232 | 2 Port RS232 | 4 Port RS232 | 8 Port RS232 | 1 Port RS422/485 | 2 Port RS422/485 | 4 Port RS422/485
Other Brainboxes Ranges: PCI | Bluetooth Serial Adapter | Ethernet to Serial Adapter | PCMCIA Serial Card | ExpressCard Serial Adapter | USB to Serial



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com