Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

829993STICK Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 829993STICK
Description  USB 3.0 EMC Stick with integrated ESD Protection and EMI Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

829993STICK Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  829993STICK Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 829993STICK Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Code: 829993STICK
Electrical Properties
0
20
40
60
80
100
120
140
160
1
10
100
1000
Frequency [MHz]
LCL-Filter
VCC Line Noise Suppression
1 Ω System
5 Ω System
50 Ω System
1
10
100
1000
1
10
100
1000
Frequency [MHz]
WE-CNSW
Data Line Impedance
Common Mode
Differential Mode
1
10
100
1000
1
10
100
1000
Frequency [MHz]
WE-CNSWFH
Data Line Impedance
Common Mode
Differential Mode
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
TLP Voltage [V]
WE-TVS
ESD Suppression
I/O to GND
VDD to GND
Noise without filter
Noise with filter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com