Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC30F302V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC30F302V
Description  INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC30F302V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC30F302V Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crown Industrial Estate, Priorswood Road
808 US Highway 1
967 Windfall Road
Taunton, Somerset TA2 8QY UK
Edison, New Jersey 08817-4695 USA
St. Marys, Pennsylvania 15857-3397 USA
Tel +44 (0) 1823 335200
Tel +1 (732) 287 2870
Tel +1 (814) 834 9140
Fax +44 (0) 1823 332637
Fax +1 (732) 287 8847
Fax +1 (814) 781 7969
NTC THERMISTORS: TYPE SC30
INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
DESCRIPTION:
Sleeved interchangeable chip thermistors with
heavy isomid insulated Nickel lead-wires.
FEATURES:
• Precision, solid state temperature sensor
• Epoxy filled sleeve for controlled diameter
• Interchangeability down to ±0.1°C
• Suitable for use over the range of
–40°C to +105°C
• Small size, fast response
• High sensitivity greater than –4%/ °C at 25°C
• Suitable for temperature measurement,
control and compensation
• High reliability and stability over
interchangeable range
• Ideal for Medical applications
• Most popular R-vs-T curves are available
• Fully insulated
• Sleeved for good mechanical strength and
resistance to solvents
• .004" (.1 mm) dia. heavy isomid insulated
Bifilar Nickel lead-wires
OPTIONS:
Consult factory for availability of options:
• Other resistance values in the range of
100
Ω - 100kΩ
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R-vs-T curves
• Controlled dimensions
DATA:
THERMAL AND ELECTRICAL PROPERTIES:
Dissipation constant:........(still air)
.4 mW/°C
(stirred oil)
3 mW/°C
Thermal time constant:.....(still air)
5 sec.
(stirred oil)
.3 sec.
Maximum power at 25°C ............................ mW
(derated from 100% at 25°C to 0% at 100°C)
DIMENSIONS:
Select appropriate part number below for resistance and temperature tolerance desired
R25°C
MATERIAL
SYSTEM
±.1°C
0°C to 70°C
±.2°C
0°C to 70°C
2252
F
SC30F232V
SC30F232W
3000
F
SC30F302V
SC30F302W
5000
F
SC30F502V
SC30F502W
10000
F
SC30F103V
SC30F103W
10000
Y
SC30Y103V
SC30Y103W
30000
H
SC30H303V
SC30H303W
50000
G
SC30G503V
SC30Y503W
100000
Y
SC30Y104V
SC30Y104W
100000
G
SC30G104V
SC30G104W
g


Similar Part No. - SC30F302V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30F302V AMPHENOL-SC30F302V Datasheet
56Kb / 4P
Thermometrics
More results

Similar Description - SC30F302V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK95F202V ETC1-TK95F202V Datasheet
119Kb / 1P
INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
SMD CHIP THERMISTOR
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
NTC CHIP THERMISTOR
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
CHIP NTC THERMISTOR
logo
Eaton All Rights Reserv...
NRG EATON-NRG Datasheet
590Kb / 12P
Epoxy sealed radial lead NTC thermistor
July 2022
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
NTC Chip Thermistor
2019/12/24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com