Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L702 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L702
Description  2A QUAD DARLINGTON SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L702 Datasheet(HTML) 3 Page - STMicroelectronics

  L702 Datasheet HTML 1Page - STMicroelectronics L702 Datasheet HTML 2Page - STMicroelectronics L702 Datasheet HTML 3Page - STMicroelectronics L702 Datasheet HTML 4Page - STMicroelectronics L702 Datasheet HTML 5Page - STMicroelectronics L702 Datasheet HTML 6Page - STMicroelectronics L702 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction Ambient
Powerdip
Max
70
°C/W
Rth j-pins 9/16
Thermal Resistance Junction Pins 9 to 16
Max
14
°C/W
Rth j-case
Thermal Resistance Junction-case
Multiwatt
Max
3
°C/W
THERMAL DATA
}
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output Leakage Current
VCE = 90 V
10
50
µA
VCE(sust)
Collector Emitter (
°) Sustaining
Voltage
IC = 100 mA
70
V
VCE(sat)
Collector Emitter Saturation
Voltage
IC = 1.25 A
Ii = 2 mA
1.3
1.9
V
hFE
DC Forward Current Gain
IC = 1 A
VCE = 3 V
1.000
4.000
Ii
Input Current
Vi = 3.75 V
Vi = 2.4 V
Open Collector
7
3
11
6
mA
mA
Vi
Input Voltage
Off Condition
VCE = 70 V
IC
≤ 0.1 mA
0.4
V
On Condition
VCE = 3 V
IC
≥ 1 A
2.4
V
Ton
Turn On Time
Vs = 12 V
0.3
µs
Toff
Turn Off Time
RL = 10
Ω
1
µs
ELECTRICAL CHARACTERISTICS (Tcase = 25
°C unless otherwise specified)
Figure 1. Switching Time.
Figure 2. ton and toff Test Circuit.
3/7
L702



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com