Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT3904-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBT3904-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT3904-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBT3904-HF Datasheet HTML 1Page - Comchip Technology AMMBT3904-HF Datasheet HTML 2Page - Comchip Technology AMMBT3904-HF Datasheet HTML 3Page - Comchip Technology AMMBT3904-HF Datasheet HTML 4Page - Comchip Technology AMMBT3904-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
50
IC = 10μAdc, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
IC = 1mAdc, IB = 0
IE = 10μAdc, IC = 0
VCE = 30Vdc, VEB = 3Vdc
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICEX
60
40
6
Vdc
Vdc
Vdc
nAdc
50
VCB = 60Vdc, IE = 0
ICBO
nAdc
DC current gain
VCE = 1Vdc, IC = 0.1mAdc
VCE = 1Vdc, IC = 1mAdc
hFE(1)
hFE(2)
300
40
70
VCE = 1Vdc, IC = 10mAdc
hFE(3)
VCE = 1Vdc, IC = 50mAdc
hFE(4)
100
60
Collector-emitter saturation voltage
IC = 50mAdc, IB = 5mAdc
VCE(sat)
0.2
Vdc
0.3
IC = 10mAdc, IB = 1mAdc
hFE(5)
VCE = 1Vdc, IC = 100mAdc
30
VCB = 5Vdc, f = 1MHZ, IE = 0
Cobo
4.0
pF
Delay time
Storage time
Rise time
Fall time
VCC = 3Vdc, VBE = 0.5Vdc,
IC = 10mAdc, IB1 = 1mAdc
VCC = 3Vdc, IC = 10mAdc,
td
tr
ts
tf
35
35
200
50
ns
ns
ns
ns
Base-emitter saturation voltage
IC = 50mAdc, IB = 5mAdc
VBE(sat)
0.95
Vdc
IC = 10mAdc, IB = 1mAdc
0.85
0.65
Input capacitance
Output capacitance
8.0
pF
Cibo
VEB = 0.5Vdc, f = 1MHZ, IC = 0
IB1 = IB2 = 1mAdc
AQW-JTR21
Page 2
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Collector cut-off current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com