Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT5401-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBT5401-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT5401-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBT5401-HF Datasheet HTML 1Page - Comchip Technology AMMBT5401-HF Datasheet HTML 2Page - Comchip Technology AMMBT5401-HF Datasheet HTML 3Page - Comchip Technology AMMBT5401-HF Datasheet HTML 4Page - Comchip Technology AMMBT5401-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Page 2
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
REV:A
General Purpose Transistor
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
IC = -100μA, IE = 0
IC = -1mA, IB = 0
IE = -10μA, IC = 0
IE = 0, VCB = -120V
IC = 0, VEB = -3V
VCE = -5V, IC = -1mA
VCE = -5V, IC = -10mA
VCE = -5V, IC = -50mA
IC = -10mA, IB = -1mA
IC = -10mA, IB = -1mA
IC = -10mA, VCE = -10V, f = 100MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE(1)
hFE(2)
hFE(3)
VCE(sat)
VBE(sat)
fT
-160
-150
-5
50
100
50
100
V
-50
-50
300
-0.2
-1
V
V
V
nA
nA
V
V
MHz
Output capacitance
IE = 0, VCB = -10V, f = 1MHz
Cobo
6.0
pF
-0.5
-1
IC = -50mA, IB = -5mA
IC = -50mA, IB = -5mA
300
Rating and Characteristic Curves (AMMBT5401-HF)
AQW-JTR06
Fig.2 - Collector-Emitter Saturation
Voltage vs Collector Current
Collector Current, IC (mA)
0.1
100
1
10
0.2
0.3
0.4
Fig.1 - Typical Pulsed Current Gain
vs Collector Current
Collector Current, IC (A)
0.0001
0
0.01
0.1
1
50
150
0.001
200
100
-40°C
VCE=5V
125°C
25°C
0
0.1
β=10
-40°C
125°C
25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com