Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBTA56-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBTA56-HF
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBTA56-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBTA56-HF Datasheet HTML 1Page - Comchip Technology AMMBTA56-HF Datasheet HTML 2Page - Comchip Technology AMMBTA56-HF Datasheet HTML 3Page - Comchip Technology AMMBTA56-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Page 2
Comchip Technology CO., LTD.
Units
Symbol
Parameter
Typ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICES
hFE
-80
-80
-4
100
100
V
V
V
µA
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
DC current gain
Transition frequency
Min
Max
Conditions
VCE(sat)
VBE(on)
-0.25
-1.2
MHz
Collector-emitter saturation voltage
Base-emitter saturation voltage
IC = -100µA, IE = 0
IC = -1.0mA, IB = 0
IE = -100µA, IC = 0
IE = 0, VCB = -80V
IB = 0, VCE = -60V
VCE = -1V, IC = -10mA
IC = -100mA, IB = -10mA
-0.1
-0.1
µA
V
V
hFE
fT
50
VCE = -1V, IC = -100mA
IC = -100mA, VCE = -1V
IC = -100mA, VCE = -1V, f = 100MHz
Rating and Characteristic Curves (AMMBTA56-HF)
Fig.1 - Static Characteristic
Collector-Emitter Voltage, -VCE (V)
0
1
2
4
5
6
0
40
80
120
160
Fig.2 - hFE ― IC
Collector Current, -IC (mA)
3
100
500
1000
10
10
100
3
REV:A
General Purpose Transistor
Fig.3 - VCEsat ― IC
0.1
1
10
500
1
10
100
1000
Fig.4 - VBE ― IC
Base-Emitter Voltage, -VBE (V)
0
0.6
1
0.4
100
Common
Emitter
Ta= 25°C
IB= -80µA
-160µA
-240µA
-320µA
-400µA
-480µA
-560µA
-640µA
-720µA
-800µA
Ta=25°C
Ta=100°C
Common
Emitter
VCE= -1V
Collector Current, -IC (mA)
Ta=25°C
Ta=100°C
ꞵ=10
0.2
0.8
0.1
10
100
1
Ta=25°C
Ta=100°C
VCE= -1V
AQW-JTR61



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com