Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L702B Datasheet(PDF) 1 Page - STMicroelectronics

Part # L702B
Description  2A QUAD DARLINGTON SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L702B Datasheet(HTML) 1 Page - STMicroelectronics

  L702B Datasheet HTML 1Page - STMicroelectronics L702B Datasheet HTML 2Page - STMicroelectronics L702B Datasheet HTML 3Page - STMicroelectronics L702B Datasheet HTML 4Page - STMicroelectronics L702B Datasheet HTML 5Page - STMicroelectronics L702B Datasheet HTML 6Page - STMicroelectronics L702B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L702
2A QUAD DARLINGTON SWITCH
SUSTAINING VOLTAGE: 70 V
2 A OUTPUT
HIGH CURRENT GAIN
IDE AL FOR DRI VING SOLENOIDS, DC
MOTORS, STEPPER MOTORS, RELAYS,
DISPLAYS, ETC.
DESCRIPTION
The L702 is a monolithic integrated circuit for high
current and high voltage switching applications. It
comprises four darlington transistors with common
emitter and open collector suitable for current sink-
ing applications mounted on the new POWERDIP
and Multiwatt® packages.
This circuit reduces components, sizes and costs;
it can provide direct interface between low level
logic and a variety of high current applications.
October 1991
Multiwatt-11
ORDER CODES : L702B - Powerdip
L702N - Multiwatt
Powerdip 8 + 8
Symbol
Parameter
Value
Unit
VCEX
Collector-emitter Voltage (input open)
90
V
Vi
Input Voltage
30
V
IC
Collector Current
3
A
Ptot
Total Power Dissipation at Tpin 9 to 16
≤ 90 °C
Powerdip
4W
Total Power Dissipation at Tamb
≤ 70 °C
1.1
W
Total Power Dissipationa t Tcase
≤ 90 °C
Multiwatt
20 W
Tstg
Storage Temperature
-55 to 150
°C
Tj
Operating Junction Temperature
-25 to 150
°C
ABSOLUTE MAXIMUM RATINGS
}
1/7


Similar Part No. - L702B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7022 HAMAMATSU-L7022 Datasheet
132Kb / 2P
High power LED array for spatial light transmission
More results

Similar Description - L702B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
logo
Analog Devices
MAX14916 AD-MAX14916 Datasheet
991Kb / 42P
Compact Industrial Octal 1A/Quad 2A High-Side Switch with Diagnostics
19-100575; Rev 1; 6/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com