Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L702N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L702N
Description  2A QUAD DARLINGTON SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L702N Datasheet(HTML) 5 Page - STMicroelectronics

  L702N Datasheet HTML 1Page - STMicroelectronics L702N Datasheet HTML 2Page - STMicroelectronics L702N Datasheet HTML 3Page - STMicroelectronics L702N Datasheet HTML 4Page - STMicroelectronics L702N Datasheet HTML 5Page - STMicroelectronics L702N Datasheet HTML 6Page - STMicroelectronics L702N Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
19.6
0.772
H2
20.2
0.795
L
21.5
22.3
0.846
0.878
L1
21.4
22.2
0.843
0.874
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.1
4.3
4.5
0.161
0.169
0.177
M1
4.88
5.08
5.3
0.192
0.200
0.209
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
MULTIWATT11 PACKAGE MECHANICAL DATA
5/7
L702



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com