Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC08FIM03ACL050PVC Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM03ACL050PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM03ACL050PVC Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PXPPVC08FIM03ACL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL050PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
155 Circular Automation Connectors
PXMBNI08FPF
M8 Front Panel Mounting Female
PXMBNI08FPF03AFL001
PXMBNI08FPF03AFL002
PXMBNI08FPF03AFL003
PXMBNI08FPF04AFL001
PXMBNI08FPF04AFL002
PXMBNI08FPF04AFL003
PXMBNI08FPF05BFL001
PXMBNI08FPF05BFL002
PXMBNI08FPF05BFL003
PXMBNI08FPF06AFLM11001
PXMBNI08FPF08AFLM11002
Part No.
A
A
B
A
A
A
B
B
B
A
A
Poles
03
03
03
04
04
04
05
05
05
06
08
Code
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Termination
Lead Length
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
100 mm
200 mm
Available in 3, 4, 5, 6 & 8 Poles
Flying Lead Termination
Front Panel Mounting M8
Mates with Flex Inline Body Connectors
Circular Automation Connectors
M8 Series
PXMBNI08FPM
M8 Front Panel Mounting Male
PXMBNI08FPM03AFL001
PXMBNI08FPM03AFL002
PXMBNI08FPM03AFL003
PXMBNI08FPM04AFL001
PXMBNI08FPM04AFL002
PXMBNI08FPM04AFL003
PXMBNI08FPM04PPC
PXMBNI08FPM05BFL001
PXMBNI08FPM05BFL002
PXMBNI08FPM05BFL003
Part No.
A
A
A
A
A
A
P
B
B
B
Poles
03
03
03
04
04
04
04
05
05
05
Code
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
PCB Terminal
Flying Lead
Flying Lead
Flying Lead
Termination
Lead Length
100mm
200mm
300mm
100mm
200mm
300mm
-
100mm
200mm
300mm
Available in 3, 4 & 5 Poles
Flying Lead Termination
Front Panel Mounting M8
Mates with Flex Body Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com