Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124ECA Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTC124ECA
Description  Digital Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTC124ECA Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DTC124ECA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTC124ECA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTC124ECA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
Digital Transistor
DTC124ECA
Document number: BL/SSDTC131
www.galaxycn.com
Rev.A
2
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Input Voltage
VI(off)
VI(on)
VCC=5V,IO=100μA
VO=0.2V,IO=5mA
-
3
-
-
0.5
-
V
Output Voltage
VO(on)
Io/II=10mA/0.5mA,
-
0.1
0.3
V
Input Current
II
VI=5V
-
-
0.36
mA
Output Current
IO(off)
VCC=50V,VI=0V
-
-
0.5
μA
DC Current Gain
GI
VO=5V,IO=5mA
56
-
-
Input Resistor (R1) Tolerance
R1
-
15.4
22
28.6
KΩ
Resistance Ratio
R2/R1
-
0.8
1
1.2
%
Gain-Bandwidth Product
fT
VCE=10V,IE=-5mA,
f=100MHz
-
250
-
MHz
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
G
K
H
J
E
D
C
B
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com