Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7203S Datasheet(PDF) 5 Page - STMicroelectronics

Part # L7203S
Description  SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7203S Datasheet(HTML) 5 Page - STMicroelectronics

  L7203S Datasheet HTML 1Page - STMicroelectronics L7203S Datasheet HTML 2Page - STMicroelectronics L7203S Datasheet HTML 3Page - STMicroelectronics L7203S Datasheet HTML 4Page - STMicroelectronics L7203S Datasheet HTML 5Page - STMicroelectronics L7203S Datasheet HTML 6Page - STMicroelectronics L7203S Datasheet HTML 7Page - STMicroelectronics L7203S Datasheet HTML 8Page - STMicroelectronics L7203S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FUNCTIONAL DESCRIPTION
STB-Thermal protection
Controller drive STB pin by open drain.
When Thermal Shutdown is excited, the device
force this pin LOW.
Controller will manage STB to do a re-start.
When STB is LOW all the drivers are shut off.
Hall Sensor Bias
A regulator on chip supply a 3.3V+-10% refer-
ence on pin Bias. This regulator can supply an
output current up-to 15 mA.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BIAS
VBIAS
BIAS Output Voltage
VCC = 5V; 5mA < I < 15mA
3.25
3.75
V
IBmax
Max Output Current
15
mA
H+, H-
VH±
H+ H- Input Voltage Range
0
2.5
V
IH±
Input Leakage Current
Vin = 0, +VCC
-10
+10
µA
VOFFISR
Comparator Offset
-15
+15
mV
VHy
Comparator Hysteresys
4
15
mV
MOTOR POWER STAGE
RDSON
High and Low side FET on
Resistance
Tj = 125; VM = 4.25V
I = 1.2A
2
Ω
IU/V/W
Spindle Output Leakage
Current
VM = 15V
100
µA
CURRENT LIMITER
VLim
Internal Reference Voltage for
current limitation
220
240
260
mV
VOFFLim
Comparator Offset
-15
+15
mV
THERMAL PROTECTION
TS
Shutdown temperature
130
170
°C
UNDERVOLTAGE
Vccth (fall)
Undervoltage threshold (fall)
2.9
-
-
V
Vccth (rise)
Undervoltage threshold (rise)
-
-
3.4
V
Vccth (hys)
Undervoltage threshold (hys)
-
0.1
-
V
SYSTEM FREQUENCY
fsys
System frequency
PRS = 0
PRS = 1
10
20
20
34
MHz
MHz
SLEW RATE CONTROL
VSRC
SRC Output Voltage
1.25
V
ISRC
Output Current
500
µA
RSRC
External Resistor on pin SRC
10
K
Ω
ISR
VISR
Input Range
0
2
V
Note 1: An SMBJIZAVCL-TR is recommended to clamp VM in case of high impedance on power supply line.
DC ELECTRICAL CHARACTERISTICS (continued)
R PULL UP
OVER TEMP
STB
D98IN880
Figure 1.
L7203
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com