Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC12FIM08ACL010PVC Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM08ACL010PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM08ACL010PVC Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM08ACL010PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL010PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
172
Circular Automation Connectors
PXPTPU12RAF
PXPPVC12RAF
M12 Right Angled Female
PXPPVC12RAF03ACL010PVC
PXPTPU12RAF03ACL010PUR
PXPPVC12RAF03ACL020PVC
PXPTPU12RAF03ACL020PUR
PXPPVC12RAF03ACL030PVC
PXPTPU12RAF03ACL030PUR
PXPPVC12RAF03ACL050PVC
PXPTPU12RAF03ACL050PUR
PXPPVC12RAF03ACL100PVC
PXPTPU12RAF03ACL100PUR
PXPPVC12RAF03ACL150PVC
PXPTPU12RAF03ACL150PUR
PXPPVC12RAF04ACL010PVC
PXPTPU12RAF04ACL010PUR
PXPPNP12RAF04ACL010PVC
PXPPVC12RAF04ACL020PVC
PXPTPU12RAF04ACL020PUR
PXPPVC12RAF04ACL030PVC
PXPTPU12RAF04ACL030PUR
PXPPNP12RAF04ACL030PVC
PXPPVC12RAF04ACL050PVC
PXPTPU12RAF04ACL050PUR
PXPPNP12RAF04ACL050PVC
PXPPVC12RAF04ACL100PVC
PXPTPU12RAF04ACL100PUR
PXPPNP12RAF04ACL100PVC
PXPPVC12RAF04ACL150PVC
PXPTPU12RAF04ACL150PUR
PXPPVC12RAF05ACL010PVC
PXPTPU12RAF05ACL010PUR
PXPPVC12RAF05ACL020PVC
PXPTPU12RAF05ACL020PUR
PXPPVC12RAF05ACL030PVC
PXPTPU12RAF05ACL030PUR
PXPPVC12RAF05ACL050PVC
PXPTPU12RAF05ACL050PUR
PXPPVC12RAF05ACL100PVC
PXPTPU12RAF05ACL100PUR
PXPPVC12RAF05ACL150PVC
PXPTPU12RAF05ACL150PUR
PXPPVC12RAF08ACL010PVC
PXPTPU12RAF08ACL010PUR
PXPPVC12RAF08ACL020PVC
PXPTPU12RAF08ACL020PUR
PXPPVC12RAF08ACL030PVC
PXPTPU12RAF08ACL030PUR
PXPPVC12RAF08ACL050PVC
PXPTPU12RAF08ACL050PUR
PXPPVC12RAF08ACL100PVC
PXPTPU12RAF08ACL100PUR
PXPPVC12RAF08ACL150PVC
PXPTPU12RAF08ACL150PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
08
08
08
08
08
08
08
08
08
08
08
08
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
3, 4, 5, 8 & 12 Poles
1, 2, 3, 5, 10 & 15m Cable Options
Overmold Flex Body
Mates with Flex Inline Body &
Panel Mount Connectors
Circular Automation Connectors
M12 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
1m
2m
2m
3m
3m
3m
5m
5m
5m
10m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com