Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD1501A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBD1501A
Description  High conductance low leakage diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD1501A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD1501A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD1501A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD1501A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMBD1501A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
High conductance low leakage diode
MMBD1501A/1503A/
1504A/1505A
Document number: BL/SSSDC060
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Max.
Unit
Test
Conditions
Reverse Breakdown Voltage
V(BR)R1
200
V
IR=5μA
0.62
0.72
IF=1mA
0.72
0.83
IF=10mA
0.8
0.95
IF=50mA
0.82
1.1
IF=100mA
0.87
1.3
IF=200mA
Forward voltage
VF
0.9
1.5
V
IF=300mA
Reverse current
IR
10
nA
VR=180V
Diode Capacitance
CD
4
pF
VR=0V,f=1MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com