Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7852C Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7852C
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7852C Datasheet(HTML) 2 Page - STMicroelectronics

  L7852C Datasheet HTML 1Page - STMicroelectronics L7852C Datasheet HTML 2Page - STMicroelectronics L7852C Datasheet HTML 3Page - STMicroelectronics L7852C Datasheet HTML 4Page - STMicroelectronics L7852C Datasheet HTML 5Page - STMicroelectronics L7852C Datasheet HTML 6Page - STMicroelectronics L7852C Datasheet HTML 7Page - STMicroelectronics L7852C Datasheet HTML 8Page - STMicroelectronics L7852C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
L7800 SERIES
2/34
Table 1: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 2: Thermal Data
Figure 2: Schematic Diagram
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature
Range
for L7800
-55 to 150
°C
for L7800C
0 to 150
Symbol
Parameter
D2PAK
TO-220
TO-220FP TO-220FM
TO-3
Unit
Rthj-case Thermal Resistance Junction-case Max
355
54
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
50
60
60
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com