Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V65HT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V65HT
Description  Rechargeable Ni-MH Button
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V65HT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V65HT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V 65 HT
Rechargeable Ni-MH Button
Data Sheet
Type Number:
55707
System:
Nickel Metal Hydride/
KOH Electrolyte
Nominal Voltage [V]:
1.2
Nominal Capacity C [mAh]:
65
Typical Capacity C [mAh]:
70
at 13 mA / 1.00 V
Weight, approx. [g]
4
Dimensions [mm]:
min.
max.
Diameter [d]:
15.4
15.5
Height [h]:
5.8
6.0
UL Recognition:
MH 13654 (N)
Coding:
Manufacturing 5 digit code
(123 = day/4 = year/ 5 = version)
Temperature Ranges [°C]
min.
max.
Storage: less than 30 days
-40
85
less than 90 days
-40
65
less than 1 year
-40
50
Discharge:
-20
85
Charge:
0
85
Charging Method:
Normal Charging:
6.5 mA for 14 – 16 h
Accelerated Charging (20°C):
13 mA for 7 h
Fast Charging:
32.5 mA for 3 h *
Time controlled, voltage control recommended
Trickle Charging:
1.95 mA
Overcharge (20°C):
6.5 mA continuous
13 mA up to 1 year
Charge Retention [%] at 20°C:
90
Capacity available after 1 month Storage at 20°C
Internal Resistance [Ohm]:
1.25
at charged cells, 20°C, DC: 0.2 CA/2 CA, (IEC 61951-2)
Impedance [Ohm]:
0.22
at charged cells, 20°C, AC: 1kHz, (IEC 61951-2)
Typical Capacities [mAh]:
at 65 mA / 0.90 V
50
Max. Discharge Current (cont.) [mA]:
130
Life Expectancy (typical):
IEC Cycle:
1000 Cycles
Trickle Charge:
up to 6 years (20°C)
Trickle Charge:
up to 5 years (45°C)
* for fully discharged cells, 20 °C
Capacities based on normal charging
VARTA Microbattery GmbH, Daimlerstraße 1, D-73479 Ellwangen/Jagst
Subject to change without prior notice !
Tel.: (+49) 7961/921-0, Telefax: (+49) 7961/921-553
Date of Issue: 2008-02-08


Similar Part No. - V65HT

ManufacturerPart #DatasheetDescription
logo
NEC
V652 NEC-V652 Datasheet
1Mb / 2P
NEC LCD 65 Large Format Display
V652-TM NEC-V652-TM Datasheet
919Kb / 2P
MultiSync (MultiTouch)
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
ASS 2100 HS
V6534B-T ASSMANN-V6534B-T Datasheet
40Kb / 1P
ASS 2100 HS
V6534E1-T ASSMANN-V6534E1-T Datasheet
40Kb / 1P
ASS 2100 HS
More results

Similar Description - V65HT

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
Ni-Cd/Ni-MH Battery Charger IC
SM6781BV NPC-SM6781BV Datasheet
101Kb / 10P
Ni-MH/Ni-Cd Battery Charger IC
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
Ni-MH
CP300H ETC2-CP300H Datasheet
90Kb / 1P
Rechargeable Ni-MH Button
V110HT ETC2-V110HT Datasheet
88Kb / 1P
Rechargeable Ni-MH Button
V20HR ETC2-V20HR Datasheet
52Kb / 1P
Ni-MH
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
USB Ni-Cd/Ni-MH charge management IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com