Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7200USBM Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # ST7200USBM
Description  7-Port USB 2.0 Hub - Metal Industrial USB-A Hub with ESD Protection & 350W Surge Protection - Din Rail, Wall or Desk Mountable - TAA Compliant USB Expander Hub
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST7200USBM Datasheet(HTML) 4 Page - StarTech.com Ltd.

  ST7200USBM Datasheet HTML 1Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 2Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 3Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Characteristics
Color
Black
Material
Steel
Product Length
5.2 in [13.3 cm]
Product Width
2.4 in [6.2 cm]
Product Height
1.4 in [3.6 cm]
Weight of Product
10.0 oz [283.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.6 in [21.8 cm]
Package Width
6.1 in [15.4 cm]
Package Height
2.0 in [5.2 cm]
Shipping (Package)
Weight
1.1 lb [0.5 kg]
What's in the Box
Included in Package
1 - USB 2.0 Hub
2 - DIN rail mounting bracket
1 - 6 ft [1.8 m] USB-B w/screw lock to USB-A cable
1 - Screw kit
1 - Instruction Manual
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com