Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3597AR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EC3597AR
Description  3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3597AR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EC3597AR Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 9Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 10Page - List of Unclassifed Manufacturers EC3597AR Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
E-CMOS
EC3597 1.1
VERSION 1.1
PAGE 9/11
Typical Application Circuit For HDNS-2000 Optical Input (For Reference Only)
BR
BL BM
GND
9
11
10
12
1
2
3
4
15
16
Z1
Z2
EC3597AR/
CR
VDD
5
9
11
Y1
18.432MHZ(*)
OSC1
OSC2
X2
X1
Y1
Y2
13
14
DATA
CLK
270K
RIN
7
VDD
DATA
CLK
GND
MODE/XA
RB/XB
MB/YB
LB/YA
5
4
3
2
GND
GND
12
10
7
13
14
VDD5 VDD5 VDD3
3.3V
REGULATOR
LP2950ACZ-3.3
8
REFB
1
µ
OUT
IN
0.22
µ
NRESET
PS2_D
PS2_C
XY_LED
15
16
1
6
10
µ
0.1µ
70
Ω
2N3904
HLMP-ED80
SURFACE
R1
LED1
PT1
S1
S2
S3
0.1µ
(*)Y1 IS A CERAMIC RESONATOR SUCH AS CSA18.43MXZ040
(FROM MURATA) OR KBR-18.43-MSA(FROM AVX).
HDNS-2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com