Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S05 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L78S05
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L78S05 Datasheet HTML 12Page - STMicroelectronics L78S05 Datasheet HTML 13Page - STMicroelectronics L78S05 Datasheet HTML 14Page - STMicroelectronics L78S05 Datasheet HTML 15Page - STMicroelectronics L78S05 Datasheet HTML 16Page - STMicroelectronics L78S05 Datasheet HTML 17Page - STMicroelectronics L78S05 Datasheet HTML 18Page - STMicroelectronics L78S05 Datasheet HTML 19Page - STMicroelectronics L78S05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Figure 21 : Positive and Negative Regulator.
Figure 22 : Negative Output Voltage Circuit.
Figure 23 : Switching Regulator.
Figure 24 : High Input Voltage Circuit.
VIN =Vi –(VZ +VBE)
(*) D1 and D2 are necessary if the load is connected be-
tween + V0 and – V0.
Figure 25 : High Input Voltage Circuit.
Figure 26 : High Output VoltageRegulator.
VIN =VZ -VBE
L78S00 SERIES
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com