Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA0ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
In systems requiring to operate the PWRON pin in edge sensitive mode, the LPOFF state becomes the static
low-power state for the system, since the PWRON pin is expected to be pulled up to VIN externally. In this
scenario, the device will automatically detect a wake-up event upon entering the ULPOFF state, and proceed
to perform the fuse load routine and move into the LPOFF state to wait for a Falling edge on the PWRON pin to
generate a valid power-on event.
11.2.4 DBGOFF state
During normal system operation, the DBGOFF (debug off) state will be a transitory state between a power-on
event and the power-up sequence. It serves as the gating state to ensure the PMIC is ready to start a power-
up sequence, and allow synchronization of two or more PMICs providing full power architecture to a complex
system.
If the VDDIO supply is provided externally, the device is able to communicate through the I2C bus during
the DBGOFF state, allowing the PMIC to operate in development/debugging modes. In such scenarios, the
DBGOFF state becomes a full-biased OFF state, to allow full access to the functional and OTP registers to
enable OTP emulation and/or OTP fuse programming. Contact your NXP representative for detailed instructions
on OTP emulation and fuse programming.
If the VAON is set as an always-on Regulator, the VAON supply is monitored for OV/UV conditions to ensure the
supply is in regulation before allowing the power-up sequence to start.
If the XFAILB synchronization function is available, the device will use the DBGOFF state as the
synchronization point to start the power-up sequence. The PF09 will release the XFAILB pin internally when it is
ready to start the Power-up sequence, based on the following conditions:
• Self-test has finished (if self-test is available in the device)
• && The LBIST_STATUS[1:0] is different from 0b10 (if LBIST is available in the device)
• && the fuse loading (_NOK - Register Address Flags: 0x2D) flags are not asserted
• && VAON has reached regulation (if VAON set as always-on regulator)
• && VIN < VIN_OV (if the VIN_OV monitor is enabled)
• && TJ is at least 10 °C below the TSD threshold
• && VDDOTP < 3.0 V
If any of the conditions mentioned above are not met, the XFAILB will remain asserted and the device will
remain in the DBGOFF state until all conditions are met. Once the XFAILB pin has been internally released, the
device will monitor the XFAILB pin to pause the power-up sequence until the pin has been released HIGH by all
devices connected to it.
If the XFAILB synchronization function is not available, the XFAILB status is no longer a condition to proceed
with the power-up sequence and the following conditions must be met to allow the power-up sequence to be
started:
• Self-test has finished (if self-test is available in the device)
• && The LBIST_STATUS[1:0] is different from 0b10 (if LBIST is available in the device)
• && the fuse loading (_NOK - Register Address Flags: 0x2D) flags are not asserted
• && VAON has reached regulation (if VAON set as an always-on regulator)
• && VIN < VIN_OV (if VIN_OV monitor is enabled)
• && TJ is at least 10 °C below the TSD threshold
• && VDDOTP < 3.0 V
In the event the device is stuck in the DBGOFF state, a power-off event in the PWRON pin will send the device
to the corresponding OFF state and wait for a new power-up event to attempt the power-up sequence again.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
20 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com