Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/AX Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF85263ATL/AX
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/AX Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF85263ATL/AX Datasheet HTML 59Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 60Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 61Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 62Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 63Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 64Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 65Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 66Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
9 Interface protocol
The PCF85263A uses the I2C interface for data transfer. The interface protocol determines the interpretation of
the data.
9.1 Write protocol
After the I2C target address is transmitted, the PCF85263A requires that the register address pointer is defined.
It can take the value 00h to 2Fh. Values outside that range results in the transfer being ignored. However, the
target still responds with acknowledge pulses.
After the register address is transmitted, write data is transmitted. The minimum number of data write bytes is 0
and the maximum number is unlimited. After each write, the address pointer increments by one. After address
2Fh, the address pointer will roll over to 00h.
• I2C START condition
• I2C target address + write
• Register address
• Write data
• Write data
• :
• Write data
• I2C STOP condition (An I2C RE-START condition is also possible)
9.2 Read protocol
When reading the PCF85263A, reading starts at the current position of the address pointer. The address pointer
for read data must first be defined by a write sequence.
• I2C START condition
• I2C target address + write
• register address
• I2C STOP condition (An I2C RE-START condition is also possible)
After setting the address pointer, a read can be executed. After the I2C target address is transmitted, the
PCF85263A will immediately output read data. After each read, the address pointer increments by one. After
address 2Fh, the address pointer will roll over to 00h.
• I2C START condition
• I2C target address + read
• Read data (controller sends acknowledge bit)
• Read data (controller sends acknowledge bit)
• :
• Read data (controller sends not-acknowledge bit)
• I2C STOP condition (An I2C RE-START condition is also possible)
The controller must indicate that the last byte has been read by generating a not-acknowledge after the last
read byte.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
63 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com