Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 157 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14.7 FCCU monitoring
The fault conllection and control unit (FCCU) input pins are in charge of monitoring HW failures from an NXP
MCU or other protocols compatible with other MCU.
In devices targeting a high safety integrity level where the FCCU block is available, the FCCU configuration is
set in the OTP registers via the OTP_FCCUx_MODE[1:0] bits.
In system using a compatible NXP MCU with an FCCU interface, the FCCU0 and FCCU1 are connected to
EOUT[0] and EOUT[1] outputs in the MCU. FCCU0 and FCCU1 can be used in bistable mode, or as a single
input depending on the targeted safety integrity level of the application.
The OTP_FCCU0_MODE[1:0] bits provide the default mode of operation for the FCCU0 pin.
OTP_FCCU0_MODE[1:0]
Operation
00
No operation
01
Single FCCU0 level monitoring
10
Single FCCU0 PWM monitoring
11
FCCU bistable monitoring
Table 204. FCCU0 mode selection bits
The OTP_FCCU1_MODE[1:0] bits provide the default mode of operation for the FCCU1 pin.
OTP_FCCU1_MODE[1:0]
Operation
00
No operation
01
Single FCCU1 level monitoring
10
Single FCCU1 PWM monitoring
11
XRESET operation
Table 205. FCCU1 mode selection bit
When the OTP_FCCU0_MODE[1:0] = 11, the FCCU0 and FCCU1 will operate in bistable mode, and the
OTP_FCCU1_MODE[1:0] bits will be used to decide whether the FCCU1 is operating in full FCCU mode or
hybrid mode.
When the FCCU interface is operating in bistable or hybrid mode, the FCCU configuration will be set with the
respective FCCU0 bits.
The default debounce time to detect an FCCU error is set in OTP via the OTP_FCCUx_DBNC[1:0] bits, and
the system can modify the debounce time during the SYSTEM ON states via the respective functional bits
FCCUx_DBNC[1:0].
FCCUx_DBNC[1:0]
FCCUx debounce time
00
3 μs
01
6 μs
10
12 μs
11
20 μs
Table 206. FCCUx debounce time configuration bit
The FCCUx_RESET[1:0] bits are provided to define whether the FCCUx fault should assert the FS0B only, or
generate a reset event.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
157 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com