Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 25Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 26Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 27Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 28Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 29Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
In “Limited Retry” operation, the PF09 will try to exit the DFS state until the 4-MSB of the RETRY_CNT[7:0]
reach the value of the OTP_RETRY_MSK[3:0] bits. When the 4-MSB of the RETRY_CNT[7:0] reach the
OTP_RETRY_MSK[3:0] value, the auto-retry timer is disabled and the system will no longer be able to exit the
DFS state via the auto-retry timer.
During “infinite retry” operation, the device will try to exit the DFS state every time the TRETRY expires. When
the 4-MSB of the RETRY_CNT[7:0] reach the OTP_RETRY_MSK[3:0] value, the 4-MSB of the retry counter
value will be clamped and the device will use the corresponding TRETRY for every following power-up retry
attempt.
The auto-retry function is intended to allow the system to retry operation in a timely manner, providing system
availability during random fault conditions. At the same time, it provides a power saving strategy when the
system experiences a non-recoverable cyclic fault condition, by reducing the frequency at which the device tries
to exit the DFS state on every fault cycle.
The retry timer can be rescaled down by writing 0x00 to RETRY_CNT[7:0], which resets it.
If the VIN < UVDET by the time there is a valid condition for leaving the DFS state, the device will wait in the
DFS state until VIN > UVDET.
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
TBASE_RETRY
Auto-retry time base
95
100
105
ms
Table 19. Auto-retry time base
11.2.12 VDDOTP modes
The PF09 supports OTP fuse bank configuration and Debug mode through the VDDOTP pin.
• If VDDOTP = GND, the device loads the configuration from the OTP fuses and operates in Normal mode.
• If VDDOTP ≥ 1.3 V, the device enters Debug mode. The OTP configuration is accessible through mirror
registers, and the device operates in a limited functionality mode.
• If VDDOTP ≥ 7.5 V, the device enters Programming mode and the OTP configuration is defined in the OTP
registers, allowing the device to fuse the OTP registers. This configuration will be loaded in normal operation.
Configuration emulation and programming (OTP) can be performed by the customer during engineering
development using NXP's latest graphical user interface and an evaluation board. Customer is not allowed to
perform OTP programming for production purposes. Only NXP or a recommended third party are allowed to
program the device for production purposes.
Function name
Description
Symbol
Min
Typ
Max
Unit
VDDOTP_OTP
VDDOTP 1.5 V threshold
VDDOTP1P4TH
1.3
1.4
1.5
V
VDDOTP_DBG
VDDOTP 3.0 V threshold
VDDOTP3P0TH
2.9
3.0
3.1
V
VDDOTP_PGR
VDDOTP programming voltage
range
VDDOTP_PRG
7.5
–
8.5
V
Table 20. VDDOTP pin electrical characteristics
11.2.12.1 Debug operation
The PF09 allows temporary configuration to debug or test a customized power-up configuration in the system.
To access Debug mode, the VDDOTP pin should be pulled up to high above VDDOTP3P0TH.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
26 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com