Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 167 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 171Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14.11 Dynamic CRC (DCRC)
The PF09 features a dynamic cyclic redundancy check (DCRC) routine to check the integrity of the functional
and OTP configuration registers. The dynamic CRC is able to detect bit-flips in the configuration registers that
could lead to a potential single-point or latent failure.
A base CRC code is calculated and stored in memory every time a successful I2C transaction is made on the
functional registers. The base CRC will be used as the reference value to compare with the check CRC code
calculated every 5 ms.
If the check CRC code is different from the base CRC code, the dynamic CRC routine is considered a bad
dynamic CRC and the PF09 will generate a DCRC_I interrupt to report the fault condition. The dynamic CRC
interrupt will assert the INTB pin if the interrupt is not masked.
The dynamic CRC routine is performed within the PF09 logic and does not require any interaction with the
system MCU, however, a fault condition in the dynamic CRC will require the MCU to evaluate and try to correct
the fault condition, to ensure proper operation of the PMIC.
A control flag DCRC_FLG bit is provided to help manage a dynamic CRC failure. The DCRC_FLG will be set
when a bad dynamic CRC condition is present, and the MCU must clear the flag by writing a 1 to it after taking
corrective action. When the DCRC_FLG is cleared, the PF09 will perform a new CRC check to ensure the
registers' configuration has been corrected and is able to return to safe operation.
A dynamic CRC fault condition can have two levels of severity:
1. The first level of severity includes all fault conditions affecting any of the functional registers. This type of
fault can be addressed and fixed by the MCU during the SYSTEM ON states.
The second level of severity includes a fault condition affecting any of the OTP configuration registers. This type
of fault cannot be cleared by the MCU directly, and the MCU must take proper action to request a PMIC restart
to force a clean OTP reload at power up.
A dynamic CRC fault condition should be managed as follows:
1. When a dynamic CRC fault condition is present, the PF09 will notify the MCU and set the system into a safe
state by asserting the FS0B pin.
2. The MCU must verify and/or reload the expected configuration in the functional registers before trying to
clear the DCRC_FLG.
3. The MCU must clear the DCRC_FLG to force a new dynamic CRC calculation and read back the flag again.
4. If the DCRC_FLG was successfully cleared, it means the low-severity fault condition has been cleared, and
the MCU can proceed to release the FS0B again.
5. If the DCRC_FLG flag is still present after clearing the DCRC_FLG, it means the high-severity fault is on the
OTP registers and cannot be fixed. In this scenario, the MCU must place the system into a safe state before
it can request a power-down event via the PWRON pin, or by sending a turnoff event via the SYS_CMD
registers (0xA5).
Fault conditions in the OTP registers will be mostly latent failures, therefore it is acceptable to allow the system
to perform a safe turnoff event to avoid a sudden stop of operation causedby the PMIC.
In devices with lower safety integrity level (ASIL B) where the FS0B pin is used as a programmable fault status
output, the dynamic CRC can also drive the FS0B if FS0B_DCRC = 1. This allows the system to prioritize the
dynamic CRC fault condition over a regular interrupt.
The strategy to service the dynamic CRC fault is the same, regardless the mode of operation of the FS0B.
14.12 Digital machine supervisor
In devices targeting high safety integrity levels (ASIL D / SIL 2) with the FS0B operating in an active safe state,
the PF09 features an NXP proprietary digital machine supervisor (DMS) block to ensure the main digital control
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
167 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com