Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 180 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 180 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 176Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 177Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 178Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 179Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 180Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 181Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 182Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 183Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 184Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
15.2 Functional register reset conditions
aaa-056088
TURNOFF
Power-down
sequence
Turn-off event
Soft reset
RUN
SYSTEM ON
FAULT
Fault shutdown
RESET
Power-up
sequence
Reset event
STANDBY
RSTB = HIGH
Off states
BIST
DBGOFF
OTP and
trim load
NO POWER
VIN > UVDET
V1P5D_POR
V1P5A_POR
ULPOFF
VDIG_POR
BIST
Self test
2 ms delay
LPOFF
LBIST
Fail-safe
transition
PWRUP_SEQ
SOFT_RST
OFF_OTP
SOFT_OTP_RST
PWRUP_SEQ
SOFT_RST
OFF_OTP
SOFT_OTP_RST
SOFT_OTP_RST
SOFT_RST
OFF_OTP
SOFT_OTP_RST
Figure 47. Functional bits reset diagram
All functional registers following either the power up or the soft reset will load the default value from OTP or
fixed value when the PF09 is starting a full Power-up sequence, that includes:
1. Transition from the DBGOFF into the Power-up sequence
2. Device performs a hard reset
Only functional registers following the soft reset will be able to reload the default value when a soft reset occurs.
provides a list of register characteristics following a soft reset.:
Bit Name
Description
Reset Value
Condition
FCCU1_RESET
Reset on FCCU1
0x00
No reset (only FS0B) Cleared on Soft-Reset, MCU must re-
configure the safety reaction.
Table 230. Bits reset during soft reset.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
180 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com