Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 188 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 188 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 184Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 185Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 186Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 187Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 188Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 189Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 190Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 191Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
17 Thermal characteristics
All parameters are specified up to a junction temperature of 150 °C. All parameters are tested at TA from −40 °C to 105
°C, to allow headroom for self-heating during operation. If higher TA operation is required, proper thermal and loading
consideration must be made to ensure device operation below the maximum TJ = 150 °C.
Symbol
Description
Min
Typ
Max
Unit
TA
Ambient operating temperature
-40
–
125
°C
TJ
Junction temperature
-40
–
150
°C
TST
Storage temperature range
-55
–
150
°C
TPPRT
Peak package reflow temperature
–
–
260
°C
Table 234. Thermal characteristics
Symbol
Description
Min
Typ
Max
Unit
RθJA
Junction to Ambient Thermal Resistance[1]
JESD51-7, 2s2p
–
–
24.4
°C/W
ΨJT
Junction-to-Top of Package Thermal Characterization
Parameter[1]
Eight-layer board (4S4P)
–
–
0.2
°C/W
RθJC
Junction to Case Thermal Resistance[2]
JESD51-7, 1s
–
–
1.0
°C/W
Table 235. QFN56 thermal resistance package dissipation ratings
[1]
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
[2]
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2.
When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
188 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com