Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 117 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_VLDOxMON_TSET[1:0]
VLDOxMON blanking time
00
250 µs
01
500 µs
10
1000 µs
11
2500 µs
Table 152. VLDOxMON blanking time configuration bits
The default blanking time is set in the OTP registers, and it is available only during the LDOx turn-on transition
in the Power-up or RUN state, where the LDOx block is operating as a voltage monitor for an external supply.
If the external supply reaches point of regulation before the settling timer has expired, the VLDOxMON will start
monitoring right away, even before the blanking timer has ended. Refer to section LDO2 / LDO3 External VMON
Operation for a detailed description of the VMON operation on the LDOx block.
If the VLDOxMON voltage selection is changed from one set point to another during the RUN state, the
VLDOxMON will use the VLDOxMON_TMASK[1:0] bits to defined the masking timer for the OV and UV fault
monitoring while the output voltage transitions to the new expected level.
VLDOxMON_TMASK[3:0]
VLDOxMON masking timer
00
500 µs
01
1000 µs
10
2000 µs
11
5000 µs
Table 153. VLDOxMON masking timer
When the PF09 transitions to the STANDBY state, the LDOx will use the LDOx_STBY_EN bit to decide whether
or not to enable the LDOx output to support the low-power operation. If the LDOx_STBY_EN = 1, then the
LDOx output will be turned on in the corresponding time slot as set by the VLODx_SEQ[7:0] bits.
When the device goes into the STANDBY state, the operation of the internal voltage monitor (VLDOxMON) will
depend on whether the PF09 is in the monitored STANDBY or the low power STANDBY states.
Monitored STANDBY mode (OTP_LP_STBY = 0): in this mode, the LDO output will be monitored internally.
During the transition into the Monitored STANDBY state, if the LDOx target voltage in the STANDBY state is
lower than the RUN state voltage, the PF09 will apply an internal discharge resistor during the transition to
ensure the LDO output is discharged properly and no false OV/UV condition is flagged.
Note: Because the bypass mode of operation is intended to achieve very low power consumption in the power
architecture, it is not recommended to use the Bypass mode when the system is prioritizing system monitoring
over current consumption during the STANDBY mode.
Low-power STANDBY mode (OTP_LP_STBY = 1): in this mode, no voltage monitoring is available and the
internal VLDOxMON will be disabled. During the transition to the low-power STANDBY state, the LDOx output
will remain tri-stated. Voltage discharge will be performed by the external load, to maximize power utilization in
the Low-power mode.
When using the LDOx Bypass mode, it is responsibility of the system integrator to ensure the external voltage
regulator is properly disabled in the correct sequence and is able to disable its output with high impedance,
in order to allow a seamless transition between the external supply and the LDOx supplying the MCU core
domain.
Likewise, the external voltage regulator must support pre-bias turn on conditions to allow proper transition
between the voltage regulators.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
117 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com