Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 123 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_SWx_UVTH[2:0]
UV threshold
100
95.5%
101
95.0%
110
94.5%
111
94.0%
Table 156. SWx UV threshold configuration bits...continued
The overvoltage (OV) monitoring threshold for the switching regulators is set in the OTP registers via the
OTP_SWx_OVTH[2:0] bits.
OTP_SWx_OVTH[2:0]
OV threshold
000
102.5%
001
103.0%
010
103.5%
011
104.0%
100
104.5%
101
105.0%
110
105.5%
111
106.0%
Table 157. SWx OV threshold configuration bits
For safety considerations, the OV/UV monitoring thresholds are selected in OTP during the part number
configuration phase, and they are not allowed to be changed during system operation. However, the system
can choose to open the monitoring range during the Monitored STANDBY state, to accommodate larger DC/AC
output voltage accuracy on the SWx regulators due to the PFM operation.
The SWx_UVTH_STBY and SWx_OVTH_STBY bits are provided to select whether to use the same OV/UV
monitoring threshold in RUN and STANDBY states or force the maximum OV/UV monitoring threshold during
the STANDBY state.
SWx_UVTH_STBY
UV threshold in STANDBY
0
Same as RUN state
1
Open to maximum threshold
Table 158. SWx UV threshold configuration bits during STANDBY
SWx_OVTH_STBY
OV threshold in STANDBY
0
Same as RUN state
1
Open to maximum threshold
Table 159. SWx OV threshold configuration bits during STANDBY
By default, the SWx_UVTH_STBY and SWx_OVTH_STBY bits are set to 1 at power up, and the MCU can
modify their values before requesting access to the STANDBY states.
The undervoltage monitoring threshold for the LDO regulators is set in the OTP registers via the
OTP_LDOx_UVTH[2:0] bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
123 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com