Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST2222A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMST2222A
Description  Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMST2222A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMST2222A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMST2222A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMST2222A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
MMST2222A
Document number: BL/SSSTF006
www.galaxycn.com
Rev.A
2
Parameter
Symbol
Test conditions
MIN TYP MAX UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
75
V
Collector-emitter breakdown voltage V(BR)CEO
IC=10mA,IB=0
B
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
10
nA
Emitter cut-off current
IEBO
VEB=3V,IC=0
10
nA
DC current gain
hFE
VCE=10V,IC=0.1mA
VCE=10V,IC=1mA
VCE=10V,IC=10mA
VCE=10V,IC=150mA
VCE=10V,IC=500mA
35
50
75
100
40
-
-
-
300
-
Collector-emitter saturation voltage
VCE(sat)
ICE=500mA,IB=50mA
B
ICE=150mA,IB=15mA
B
0.3
1.0
V
Base-emitter saturation voltage
VBE(sat)
ICE=500mA,IB=50mA
B
ICE=150mA,IB=15mA
B
0.6
-
1.2
2.0
V
Transition frequency
fT
VCE=20V,
IC= 20mA,f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
8
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com