Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4295EEE Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4295EEE Datasheet(HTML) 2 Page - Analog Devices

  MAX4295EEE Datasheet HTML 1Page - Analog Devices MAX4295EEE Datasheet HTML 2Page - Analog Devices MAX4295EEE Datasheet HTML 3Page - Analog Devices MAX4295EEE Datasheet HTML 4Page - Analog Devices MAX4295EEE Datasheet HTML 5Page - Analog Devices MAX4295EEE Datasheet HTML 6Page - Analog Devices MAX4295EEE Datasheet HTML 7Page - Analog Devices MAX4295EEE Datasheet HTML 8Page - Analog Devices MAX4295EEE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = PVCC = +5V, SHDN = VCC, FS1 = GND, FS2 = VCC (fOSC = 250kHz), input amplifier gain = -1V/V, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, PVCC to GND or PGND....................................-0.3V to +6V
PGND to GND.....................................................................±0.3V
PVCC to VCC .......................................................................±0.3V
VCM, SS, AOUT, IN to GND .......................-0.3V to (VCC + 0.3V)
SHDN, FS1, FS2 to GND ..........................................-0.3V to +6V
OUT_ to PGND .........................................-0.3V to (PVCC + 0.3V)
Op Amp Output Short-Circuit
Duration (AOUT).........Indefinite Short Circuit to Either Supply
H-Bridge Short-Circuit
Duration (OUT_) ................Continuous Short Circuit to PGND,
PVCC or between OUT+ and OUT-
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C)........667mW
16-Pin Narrow SO (derate 8.7mW/°C above +70°C)......696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
(Note 2)
2.7
5.5
V
Quiescent Supply Current
Output load not connected
2.8
4
mA
Shutdown Supply Current
SHDN = GND
1.5
8
µA
Voltage at VCM Pin
0.285
×
VCC
0.3
×
VCC
0.315
×
VCC
V
FS1 = GND, FS2 = GND
105
125
145
FS1 = GND, FS2 = VCC
210
250
290
FS1 = VCC, FS2 = GND
420
500
580
PWM Frequency
FS1 = VCC, FS2 = VCC
840
1000
1160
kHz
PWM Frequency Change with
VCC
VCC = 2.7V to 5.5V
±1
±3
kHz/V
VIN = 0.06
× VCC
10.2
12
13.8
VIN = 0.30
× VCC
49.2
50
50.8
Duty Cycle
VIN = 0.54
× VCC
86.2
88
89.8
%
Duty Cycle Change with VCC
VIN = 0.3
× VCC, VCC = 2.7V to 5.5V
±0.02
±0.15
%/V
VCC = 5V
0.25
0.5
Switch On-Resistance
(each power device)
IOUT = 150mA
VCC = 2.7V
0.35
1.0
Ω
H-Bridge Output Leakage
SHDN = GND
0
±5
µA
H-Bridge Current Limit
1A
Soft-Start Capacitor Charging
Current
VSS = 0V
0.75
1.35
1.95
µA
Undervoltage Lockout
1.8
2.2
2.6
V
Thermal Shutdown Trip Point
145
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com