Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS481 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS481
Description  Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS481 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS481 Datasheet HTML 1Page - National Semiconductor (TI) DS481 Datasheet HTML 2Page - National Semiconductor (TI) DS481 Datasheet HTML 3Page - National Semiconductor (TI) DS481 Datasheet HTML 4Page - National Semiconductor (TI) DS481 Datasheet HTML 5Page - National Semiconductor (TI) DS481 Datasheet HTML 6Page - National Semiconductor (TI) DS481 Datasheet HTML 7Page - National Semiconductor (TI) DS481 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Parameter Measurement Information (Continued)
TABLE 1. Device Pin Descriptions
Pin
No.
Name
Description
1
RO
Receiver Output: When RE (Receiver Enable) is LOW, the receiver is enabled (ON), if DO/RI
≥ DO
(Note 1)/RI (Note 1) by 200 mV, RO will be HIGH. If DO/RI
≤ DO (Note 1)/RI (Note 1) by 200 mV,
RO will be LOW. Additionally RO will be HIGH for OPEN (Non-terminated) Inputs.
2RE
(Note 1)
Receiver Output Enable: When RE (Note 1) is LOW the receiver output is enabled. When RE (Note
1) is HIGH, the receiver output is in TRI-STATE (OFF). When RE (Note 1) is HIGH and DE is LOW,
the device will enter a low-current sleep mode after 600 ns.
3
DE
Driver Output Enable: When DE is HIGH, the driver outputs are enabled. When DE is LOW, the
driver outputs are in TRI-STATE (OFF). When RE (Note 1) is HIGH and DE is LOW, the device will
enter a low-current sleep mode after 600 ns.
4
DI
Driver Input: When DE (Driver Enable) is HIGH, the driver is enabled, if DI is LOW, then DO/RI will
be LOW and DO (Note 1)/RI (Note 1) will be HIGH. If DI is HIGH, then DO/RI is HIGH and DO (Note
1)/RI (Note 1) is LOW.
5
GND
Ground Connection.
6
DO/RI
Driver Output/Receiver Input, 485 Bus Pin.
7DO
(Note 1)
/RI
(Note 1)
Driver Output/Receiver Input, 485 Bus Pin.
8V
CC
Positive Power Supply Connection: Recommended operating range for V
CC is +4.75V to +5.25V.
Unit Load
A unit load for an RS-485 receiver is defined by the input
current versus the input voltage curve. The gray shaded
region is the defined operating range from −7V to +12V. The
top border extending from −3V at 0 mA to +12V at +1 mA is
defined as one unit load. Likewise, the bottom border ex-
tending from +5V at 0 mA to −7V at −0.8 mA is also defined
as one unit load (see Figure 15 ). An RS-485 driver is
capable of driving up to 32 unit loads. This allows up to 32
nodes on a single bus. Although sufficient for many applica-
tions, it is sometimes desirable to have even more nodes.
The DS481 has 1⁄2 unit load and will allow up to 64 nodes
guaranteed over temperature.
For a 1⁄2 UL device the top and bottom borders shown in
Figure 15 are scaled. Both 0 mA reference points at +5V and
−3V stay the same. The other reference points are +12V at
+0.5 mA for the top border and −7V at −0.4 mA for the
bottom border (see Figure 15 ). Again, both 0 mA reference
points at +5V and −3V stay the same. The other reference
points are +12V at +0.25 mA for the top border and −7V at
−0.2 mA for the bottom border (see Figure 15 ).
01291915
*Note: Non Terminated, Open Input only
FIGURE 14. Entering Sleep Mode Conditions (modes and exit parameters shown)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com