Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120SD Datasheet(PDF) 10 Page - Microchip Technology

Part # MSC080SMB120SD
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120SD Datasheet(HTML) 10 Page - Microchip Technology

Back Button MSC080SMB120SD Datasheet HTML 5Page - Microchip Technology MSC080SMB120SD Datasheet HTML 6Page - Microchip Technology MSC080SMB120SD Datasheet HTML 7Page - Microchip Technology MSC080SMB120SD Datasheet HTML 8Page - Microchip Technology MSC080SMB120SD Datasheet HTML 9Page - Microchip Technology MSC080SMB120SD Datasheet HTML 10Page - Microchip Technology MSC080SMB120SD Datasheet HTML 11Page - Microchip Technology MSC080SMB120SD Datasheet HTML 12Page - Microchip Technology MSC080SMB120SD Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MSC080SMB120SD
Package Specification
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005735B - 10
Table 2-1. TO-263-7L XL Dimensions (continued)
Symbol
Description
Min. (mm)
Max. (mm)
A
Overall height
4.30
4.70
A1
Seating plane height
—
0.25
A2
Seating plane to lead
2.20
2.60
b
Lead width
0.52
0.72
b1
0.60
0.80
c
Lead thickness
0.42
0.62
c2
Thermal pad thickness
1.07
1.47
L
Lead length
4.55
4.95
L1
Tab length
0.87
1.27
L2
Foot length
2.48
2.88
D
Molded body length
9.05
9.45
D1
Thermal pad length
7.58
7.98
E
Total width
9.80
10.20
E1
Thermal pad width step back
6.30
6.70
E2
Thermal pad width
7.80
8.20
Ø
Lead foot angle
0°
8°
Note: Dimensioning and tolerancing per ASME Y14.5M.
• BSC: Basic dimension. Theoretically exact value shown without tolerances.
2.2.
Recommended Land Pattern
The following figure illustrates the recommended land pattern of this device.
Figure 2-2. Recommended Land Pattern
12
C1
C2
X2
Y2
G1
Y1
X1
G2
E
34 5 6
7
SILK SCREEN
The following table shows the recommended land pattern dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com