Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F320C3 Datasheet(PDF) 39 Page - Intel Corporation

Part # 28F320C3
Description  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F320C3 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 28F320C3 Datasheet HTML 35Page - Intel Corporation 28F320C3 Datasheet HTML 36Page - Intel Corporation 28F320C3 Datasheet HTML 37Page - Intel Corporation 28F320C3 Datasheet HTML 38Page - Intel Corporation 28F320C3 Datasheet HTML 39Page - Intel Corporation 28F320C3 Datasheet HTML 40Page - Intel Corporation 28F320C3 Datasheet HTML 41Page - Intel Corporation 28F320C3 Datasheet HTML 42Page - Intel Corporation 28F320C3 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
39
8.0
AC Characteristics
8.1
AC Read Characteristics
Table 13. Read Operations—8 Mbit Density
#Sym
Parameter
Density
8 Mbit
Unit
Product
90 ns
110 ns
VCC
3.0V –3.6 V
2.7 V – 3.6V
3.0V –3.6 V
2.7 V – 3.6V
Note
Min
Max
Min
Max
Min
Max
Min
Max
R1
tAVAV
Read Cycle Time
3,4
80
90
100
110
ns
R2
tAVQV
Address to Output Delay
3,4
80
90
100
110
ns
R3
tELQV
CE# to Output Delay
1,3,4
80
90
100
110
ns
R4
tGLQV
OE# to Output Delay
1,3,4
30
30
30
30
ns
R5
tPHQV
RP# to Output Delay
3,4
150
150
150
150
ns
R6
tELQX
CE# to Output in Low Z
2,3,4
0
0
0
0
ns
R7
tGLQX
OE# to Output in Low Z
2,3,4
0
0
0
0
ns
R8
tEHQZ
CE#toOutput inHighZ
2,3,4
20
20
20
20
ns
R9
tGHQZ
OE#toOutput inHighZ
2,3,4
20
20
20
20
ns
R10
tOH
Output Hold from
Address, CE#, or OE#
Change, Whichever
Occurs First
2,3,4
0
0
0
0
ns
NOTES:
1. OE#may be delayeduptotELQV–tGLQV after the falling edge of CE# without impact on tELQV.
2. Sampled, but not 100% tested.
3. See Figure 8, “Read Operation Waveform” on page 42.
4. See Figure 11, “AC Input/Output Reference Waveform” on page 49 for timing measurements and maximum allowable input
slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com