Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP7-P010VA1-R8000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP7-P010VA1-R8000
Description  Board-to-Board (FPC) connector, 10 pos., 0.4mm pitch, 2rows, 0.7mm stacking height, SMT, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP7-P010VA1-R8000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WP7-P010VA1-R8000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP7-P010VA1-R8000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP7-P010VA1-R8000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WP7-P010VA1-R8000
Features
Board-to-Board (FPC) connector, 10 pos., 0.4mm pitch, 2rows, 0.7mm stacking height, SMT, Plug
Part Number
WP7-P010VA1-R8000
Status
Pending Obsolescence
Number of Positions
10 pos.
Contact Pitch
0.4 mm
Rated Current
0.3 A
Rated Voltage
AC, DC 50 V
Connector Type
Plug
Connector Style
Straight
Number of Rows
2 rows
PCB Mounting Method
Soldering (SMT)
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Gold plating
Finish of Contact in PCB
Mounting Area
Gold plating
Material of Insulator
Heat-resistant plastic
PCB Boardlock Feature
Hold-down
Product Details


Similar Part No. - WP7-P010VA1-R8000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WP7-P016VA1-R8000 JAE-WP7-P016VA1-R8000 Datasheet
166Kb / 3P
Board-to-Board (FPC) connector, 16 pos., 0.4mm pitch, 2rows, 0.7mm stacking height, SMT, Plug
More results

Similar Description - WP7-P010VA1-R8000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com