Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP7-P016VA1-R8000 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP7-P016VA1-R8000
Description  Board-to-Board (FPC) connector, 16 pos., 0.4mm pitch, 2rows, 0.7mm stacking height, SMT, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP7-P016VA1-R8000 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP7-P016VA1-R8000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP7-P016VA1-R8000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP7-P016VA1-R8000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Body Length
4.6 mm
Body Breadth
2 mm
Body Height
0.5 mm
Total Insertion Force
24 N max.
Total Extraction Force
2.4 N min.
Operating Temperature Range
-40 deg. C to +85 deg. C
Mating Cycles
30 mating cycles
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging
8,000 pieces/reel
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
250 substances (25/06/2025)
Mating Connector
WP7A-S016VA1-R8000
Remarks
  
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.
Users are requested to provide protection circuits and redundancy circuits to ensure safety of
the equipment, and sufficiently review the suitability of JAE's products to the equipment.
2.
The products presented in this web site are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in
any other way than the recommended applications or for a specific use that requires an
extremely high reliability.
3.
Applications that require consultation:
(1)
Please contact us if you are considering use involving a quality assurance program that
you specify or that is peculiar to the industry, such as:
Automotive electrical components, train control, telecommunications devices (mainline),
traffic light control, electric power, combustion control, fire prevention or security systems,
disaster evention equipment, etc.
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com