Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS921ID/IDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS921ID/IDT
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921ID/IDT Datasheet(HTML) 5 Page - STMicroelectronics

  TS921ID/IDT Datasheet HTML 1Page - STMicroelectronics TS921ID/IDT Datasheet HTML 2Page - STMicroelectronics TS921ID/IDT Datasheet HTML 3Page - STMicroelectronics TS921ID/IDT Datasheet HTML 4Page - STMicroelectronics TS921ID/IDT Datasheet HTML 5Page - STMicroelectronics TS921ID/IDT Datasheet HTML 6Page - STMicroelectronics TS921ID/IDT Datasheet HTML 7Page - STMicroelectronics TS921ID/IDT Datasheet HTML 8Page - STMicroelectronics TS921ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS921
Electrical Characteristics
5/14
Table 4.
Electrical characteristics for VCC = 5V, VDD = 0V, Vicm = VCC/2, RL connected
to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
at Tmin. ≤ Tamb ≤ Tmax
3
5
mV
DVio
Input Offset Voltage Drift
2
µV/°C
Iio
Input Offset Current
Vout = 1.5V
130
nA
Iib
Input Bias Current
Vout = 1.5V
15
100
nA
VOH
High Level Output Voltage
RL = 600Ω
RL = 32Ω
4.85
4.4
V
VOL
Low Level Output Voltage
RL = 600Ω
RL = 32Ω
300
120
mV
Avd
Large Signal Voltage Gain
Vout = 2Vpk-pk
RL = 600Ω
RL = 32Ω
35
16
V/mV
GBP
Gain Bandwidth Product
RL = 600Ω
4MHz
ICC
Supply Current
no load, Vout = VCC/2
11.5
mA
CMR
Common Mode Rejection Ratio
60
80
dB
SVR
Supply Voltage Rejection Ratio
VCC = 4.5to 5.5V
60
80
dB
Io
Output Short-Circuit Current
50
80
mA
SR
Slew Rate
0.7
1.3
V/
µs
Pm
Phase Margin at Unit Gain
RL = 600Ω, CL =100pF
68
Degrees
GM
Gain Margin
RL = 600Ω, CL =100pF
12
dB
en
Equivalent Input Noise Voltage
f = 1kHz
9
THD
Total Harmonic Distortion
Vout = 2Vpk-pk, f = 1kHz,
Av =1, RL = 600Ω
0.005
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com