Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6-LOE-AGE-R Datasheet(PDF) 1 Page - Festo Corporation.

Part # MS6-LOE-AGE-R
Description  Lubricator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS6-LOE-AGE-R Datasheet(HTML) 1 Page - Festo Corporation.

  MS6-LOE-AGE-R Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lubricator
MS6-LOE-AGE-R
Part number: 8232972
General operating condition
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Vertical +/- 5°
Structural design
Proportional standard oil mist lubricator
Max. oil capacity
75 cm³
Bowl guard
Plastic bowl guard
Symbol
00991532
Operating pressure
0.1 MPa ... 1.6 MPa
Operating pressure
1 bar ... 16 bar
Operating pressure
14.5 psi ... 232 psi
Minimum flow rate for lubricator function
50 l/min
Normal nominal flow rate (normalized to DIN 1343)
7200 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Oil viscosity
ISO VG 32
Ambient temperature
-10 °C ... 60 °C
Product weight
900 g
Type of mounting
With accessories
Pneumatic connection 1
G3/4
Pneumatic connection 2
G3/4
Note on materials
RoHS-compliant
Material of sub-base
Die-cast aluminum
Seals material
NBR
Housing material
Die-cast aluminum
Material of bowl
PC
2/11/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - MS6-LOE-AGE-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MS6-LOE-AGF-R FESTO-MS6-LOE-AGF-R Datasheet
69Kb / 1P
Lubricator
More results

Similar Description - MS6-LOE-AGE-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529413 FESTO-529413 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
529775 FESTO-529775 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
529776 FESTO-529776 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
529777 FESTO-529777 Datasheet
74Kb / 1P
Air line lubricator
3/23/22
529783 FESTO-529783 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
531702 FESTO-531702 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
531703 FESTO-531703 Datasheet
75Kb / 1P
Air line lubricator
3/23/22
535790 FESTO-535790 Datasheet
74Kb / 1P
Air line lubricator
3/23/22
531712 FESTO-531712 Datasheet
76Kb / 1P
Air line lubricator
3/25/22
531717 FESTO-531717 Datasheet
75Kb / 1P
Air line lubricator
3/25/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com