Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8233003 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8233003
Description  On/off valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8233003 Datasheet(HTML) 1 Page - Festo Corporation.

  8233003 Datasheet HTML 1Page - Festo Corporation. 8233003 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
On/off valve
MS6N-EE-1/2-V24
Part number: 8233003
General operating condition
Data sheet
Feature
Value
Series
MS
Size
6
Structural design
Piston gate valve
Actuation type
Electrical
Exhaust air function
Without flow control option
Manual override
Detenting
Non-detenting
Reset method
Mechanical spring
Type of control
Pilot-controlled
Symbol
00991008
Valve function
3/2, closed, monostable
Operating pressure
0.4 MPa ... 1.8 MPa
Operating pressure
4 bar ... 18 bar
Lap
Overlap
C value
29 l/sbar
b-value
0.4
Normal nominal flow rate (normalized to DIN 1343)
7000 l/min
Duty cycle
100%
Coil characteristics
24 V DC: 1.5 W
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-10 °C ... 60 °C
Degree of protection
IP65
Ambient temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Type of mounting
Optionally:
Line installation
With accessories
Mounting position
Any
Flow direction
Non-reversible
Product weight
740 g
Pneumatic connection 1
1/2 NPT
Pneumatic connection 2
1/2 NPT
2/11/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8233003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8233000 FESTO-8233000 Datasheet
80Kb / 2P
Pressure regulator
8233001 FESTO-8233001 Datasheet
80Kb / 2P
Pressure regulator
8233002 FESTO-8233002 Datasheet
78Kb / 2P
Pressure regulator
8233004 FESTO-8233004 Datasheet
80Kb / 2P
Pressure regulator
More results

Similar Description - 8233003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
153991 FESTO-153991 Datasheet
98Kb / 1P
On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
On off valve
4/13/22
190873 FESTO-190873 Datasheet
110Kb / 1P
On off valve
4/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com