Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008CS Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 1008CS
Description  WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

1008CS Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  1008CS Datasheet HTML 1Page - Delta Electronics, Inc. 1008CS Datasheet HTML 2Page - Delta Electronics, Inc. 1008CS Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
Shape & Dimension
B
K
D
H
C
A
B
C
Max.
Ref.
Max.
Ref.
Max.
Ref.
D
Ref.
E
Ref.
F
G
H
I
J
K
Inch
0.115
0.103
0.110
0.095
0.080
0.072
0.025
0.065
0.020
0.060
0.100
0.040
0.050
0.080
mm
2.92
2.60
2.79
2.40
2.03
1.82
0.65
1.65
0.51
1.52
2.54
1.02
1.27
2.03
Parts/Reel: 7” 2,000 PCS
Tape Width: 8mm
Terminal wraparound:
Approx. 0.018/ 0 .45 both ends
Pad
Layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com