Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC/HCT377 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC/HCT377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC/HCT377 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC/HCT377 Datasheet HTML 1Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 2Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 3Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 4Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 5Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 6Page - NXP Semiconductors 74HC/HCT377 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
December 1990
4
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74HC/HCT377
Fig.4 Functional diagram.
FUNCTION TABLE
Notes
1. H = HIGH voltage level
h = HIGH voltage level one set-up time
prior to the LOW-to-HIGH CP transition
L = LOW voltage level
I
= LOW voltage level one set-up time
prior to the LOW-to-HIGH CP transition
↑ = LOW-to-HIGH CP transition
X = don’t care
OPERATING
MODES
INPUTS
OUTPUTS
CP
EDn
Qn
load “1”
↑
lh
H
load “0”
↑
ll
L
hold (do nothing)
↑
X
h
H
X
X
no change
no change
Fig.5 Logic diagram.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com