Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA596
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596 Datasheet(HTML) 2 Page - Texas Instruments

  OPA596 Datasheet HTML 1Page - Texas Instruments OPA596 Datasheet HTML 2Page - Texas Instruments OPA596 Datasheet HTML 3Page - Texas Instruments OPA596 Datasheet HTML 4Page - Texas Instruments OPA596 Datasheet HTML 5Page - Texas Instruments OPA596 Datasheet HTML 6Page - Texas Instruments OPA596 Datasheet HTML 7Page - Texas Instruments OPA596 Datasheet HTML 8Page - Texas Instruments OPA596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information OPA596..................................... 5
5.5 Thermal Information OPA2596................................... 5
5.6 Electrical Characteristics.............................................6
5.7 Typical Characteristics................................................ 8
6 Detailed Description......................................................15
6.1 Overview................................................................... 15
6.2 Functional Block Diagram......................................... 15
6.3 Feature Description...................................................16
6.4 Device Functional Modes..........................................18
7 Application and Implementation.................................. 19
7.1 Application Information............................................. 19
7.2 Typical Applications.................................................. 19
7.3 Creepage and Clearance..........................................24
7.4 Power Supply Recommendations.............................24
7.5 Layout....................................................................... 25
8 Device and Documentation Support............................28
8.1 Receiving Notification of Documentation Updates....28
8.2 Support Resources................................................... 28
8.3 Trademarks...............................................................28
8.4 Electrostatic Discharge Caution................................28
8.5 Glossary....................................................................28
9 Revision History............................................................ 28
10 Mechanical, Packaging, and Orderable
Information.................................................................... 29
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com