Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX593 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX593
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX593 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX593 Datasheet HTML 20Page - Texas Instruments OPAX593 Datasheet HTML 21Page - Texas Instruments OPAX593 Datasheet HTML 22Page - Texas Instruments OPAX593 Datasheet HTML 23Page - Texas Instruments OPAX593 Datasheet HTML 24Page - Texas Instruments OPAX593 Datasheet HTML 25Page - Texas Instruments OPAX593 Datasheet HTML 26Page - Texas Instruments OPAX593 Datasheet HTML 27Page - Texas Instruments OPAX593 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
7.3 Creepage and Clearance
When designing and building electrical systems with high voltage, two important concepts to consider are
creepage and clearance. Creepage distance refers to the shortest path that an electric current can take along
the surface of an insulating material, such as a printed circuit board (PCB) or a plastic enclosure. Clearance
distance refers to the shortest distance between two conductive parts, such as wires, terminals, or components,
through the air. Figure 7-8 illustrates creepage and clearance for a typical integrated circuit (IC).
```
PCB
Integrated Circuit
Creepage distance
Clearance distance
Groove
Creepage
Integrated Circuit
PCB
High
Voltage
PCB trace
Potentially
Low Voltage
PCB Trace
Creep
age
High
Voltage
Differentia
l Between
V+ and
V
Top view
Edge View
Creepage
and
Clearance
Figure 7-8. Creepage and Clearance in Integrated Circuits
Several standards exist with creepage and clearance guidance, but how the standards pertain to operational
amplifiers and other integrated circuits is largely left to interpretation and internal requirements. The guidance
distances are significantly affected by pollution degree, maximum voltage, and the underlying application. In
the case of creepage, the comparative tracking index (CTI) rating of the insulating material is a major factor.
Different design techniques exist to improve creepage and clearance if deemed necessary, including adding
PBC grooves, conformal coating, and, or derating the operating voltage.
Texas Instruments offers modern packaging with small dimensions that are designed to minimize PCB area.
However, the requirement to meet any creepage or clearance specifications depends on the designer’s
interpretation and implementation of any relevant IEC or system-level standards. For more information on this
topic, visit the Demystifying Clearance and Creepage Distance for High-Voltage End Equipment document.
7.4 Power Supply Recommendations
The OPAx596 operates from power supplies up to ±42.5V (85V), and as little as ±4V (8V) with excellent
performance. Most behavior remains unchanged throughout the full operating voltage range, but Section 5.7
shows parameters that vary with operating voltage. A power-supply bypass capacitor of at least 0.1µF is
required for proper operation. Make sure that the capacitor voltage is rated for high voltage across the full
operating temperature range. The OPAx596 can be powered with asymmetrical supplies to optimize power
dissipation in applications that do not require an equal positive and negative output voltage swing.
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com